Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXR1-173-1 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # CXR1-173-1
Description  Multi channel 25kHz NBFM remote control TX/RX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CXR1-173-1 Datasheet(HTML) 5 Page - Radiometrix Ltd

  CXR1-173-1 Datasheet HTML 1Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 2Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 3Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 4Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 5Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 6Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 7Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 8Page - Radiometrix Ltd CXR1-173-1 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Radiometrix Ltd
CXT/CXR – Multi channel Remote Controller Data Sheet
page 5
Pin description –CXR
Pin
Name
Function
1a
Vcc
3.1 – 15V power supply
2a
0V
Ground
3a
RXE
Receiver Enable (active high)
4a
RXD
Link to 4b
5a
N/C (AF out)
No connection, 700mV p-p audio. DC coupled, approx 0.8v bias.
1b
SI
Serial frequency programming / configuration
1
2b
A (out)
Main (latching) output
3b
B (out)
Secondary output
4b
R_in
Link to 4a
5b
RSSI
DC level between 0.5v and 2.2v. 60dB dynamic range
NOTES:
1.
Serial programming is by an inverted, CMOS logic level, 2400 baud RS232 datastream applied
to the SI pin.
2.
Do not exceed 3v logic levels on SI, A or B.
3.
SI input has pullup (50K) to 3v internal rail.
4.
A and B outputs are 3v cmos, active high. Up to 5mA may be drawn from each
5.
CX versions can be identified by the presence of C7, on the underside of the LMR series RX
board
Figure 4: CXR footprint (top view)


Similar Part No. - CXR1-173-1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CXR1-173-1 RADIOMETRIX-CXR1-173-1 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
More results

Similar Description - CXR1-173-1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CXT RADIOMETRIX-CXT Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
NIM2B RADIOMETRIX-NIM2B Datasheet
235Kb / 11P
   Frequency Programmable 25kHz NBFM Transceiver
NIM1B RADIOMETRIX-NIM1B Datasheet
197Kb / 13P
   Frequency Programmable 25kHz NBFM VHF Transceiver
AIM1 RADIOMETRIX-AIM1 Datasheet
298Kb / 9P
   Frequency Programmable 25kHz NBFM VHF Transceiver
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
List of Unclassifed Man...
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com