Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OISA1310ASD1125 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OISA1310ASD1125
Description  Polarization Insensitive Fiber Isolator Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OISA1310ASD1125 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OISA1310ASD1125 Datasheet HTML 1Page - OPLINK Communications Inc. OISA1310ASD1125 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
OISA Series
Premium
Grade A
Unit
Operating Wavelength Range
1310 ± 15 or
1480 ± 15 or
1528 ~ 1564 or
1570 ~ 1605
nm
Insertion Loss [1]
< 0.6
< 0.8
dB
Isolation (over operating wavelength
range, 0~70°C, all SOP)
> 22
> 21
dB
Polarization Dependent Loss
< 0.1
< 0.15
dB
Polarization Mode
Dispersion
(Standard)
< 0.25
ps
(Low PMD)
< 0.05
ps
Channel Crosstalk
> 55
dB
Return Loss
> 50
dB
Maximum Power Handling
< 2
W
Fiber Type
Corning SMF-28
Fiber Jacket
250µm Bare Fiber
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimensions [3]
(ø) 5.5 x (L) 34.0
mm
Pigtail Coloring (both sides)
Ch.1 = Red, Ch.2 = Black, Ch.3 = clear
Applications
Performance Specificationns
[1] The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges
specified.
[2] All the parameters are excluding connectors.
[3] The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specified.
CH1
CH1
CH2
CH3
CH2
CH3
Ø
L
S0056 - R04. 20120123
Polarization Insensitive Fiber
Isolator Array (Single Stage)
OISA Series
Oplink’s single-stage, multi-port isolator is an array device with the identical
package size of a single-port isolator. It offers port options of dual or triple
ports on both input and output sides. The Oplink isolator array minimizes
back reflection and back scattering in the reverse direction for any state of
polarization. It features low cost with high performance including low inser-
tion loss, low channel cross talk, high return loss, low polarization dependent
loss (PDL) and low polarization mode dispersion (PMD). Oplink’s innovative
array solution provides significant space savings in EDFA array or multi stage
EDFA applications.
Wide Operating Wavelength Range
and Temperature Range
Low Insertion Loss
High Isolation
Ultra Low PDL & Option for Ultra Low
PMD
Highly Stable & Reliable
Epoxy-free Optical Path
Compact Package Size
Fiberoptic Amplifiers
CATV Fiberoptic Links
WDM Systems
Fiberoptic Instruments
Transmitters and Fiber Lasers
Laboratory R&D
Arrayed Modules


Similar Part No. - OISA1310ASD1125

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OISA1310ASD11 OPLINK-OISA1310ASD11 Datasheet
283Kb / 2P
   Polarization Insensitive Fiber Isolator Array
More results

Similar Description - OISA1310ASD1125

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OISA-S0056 OPLINK-OISA-S0056 Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIDA-S0052 OPLINK-OIDA-S0052 Datasheet
341Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIDA1310P0T OPLINK-OIDA1310P0T Datasheet
250Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OISA1310PST11 OPLINK-OISA1310PST11 Datasheet
283Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OISSG1310S OPLINK-OISSG1310S Datasheet
237Kb / 2P
   Polarization Insensitive Fiber Isolator
OIXSG OPLINK-OIXSG Datasheet
286Kb / 2P
   Polarization Insensitive Fiber Isolator
OIDS1310P001 OPLINK-OIDS1310P001 Datasheet
216Kb / 2P
   Polarization Insensitive Fiber Isolator
OISS1310PS01 OPLINK-OISS1310PS01 Datasheet
373Kb / 2P
   Polarization Insensitive Fiber Isolator
OIXSG-S0059 OPLINK-OIXSG-S0059 Datasheet
286Kb / 2P
   Green Polarization Insensitive Fiber Isolator
OISS1310PS0311 OPLINK-OISS1310PS0311 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com