Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3789 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB3789
Description  Switching Regulator Controller (Supporting External Synchronization)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3789 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB3789 Datasheet HTML 6Page - Fujitsu Component Limited. MB3789 Datasheet HTML 7Page - Fujitsu Component Limited. MB3789 Datasheet HTML 8Page - Fujitsu Component Limited. MB3789 Datasheet HTML 9Page - Fujitsu Component Limited. MB3789 Datasheet HTML 10Page - Fujitsu Component Limited. MB3789 Datasheet HTML 11Page - Fujitsu Component Limited. MB3789 Datasheet HTML 12Page - Fujitsu Component Limited. MB3789 Datasheet HTML 13Page - Fujitsu Component Limited. MB3789 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
MB3789
s TYPICAL CHARACTERISTICS
(Continued)
2.4
2.0
1.6
1.2
0.8
0.4
0
0
4
8
12
16
20
VCC2 = 6 V
Ta = +25
°C
Power supply voltage VCC1 (V)
Power supply voltage VCC1 (V)
Power supply voltage VCC2 (V)
Ambient temperature Ta (
°C)
Timing resistance RT (
Ω)
Timing capacitance CT (pF)
Output power supply current vs.
power supply voltage characteristics
Reference voltage vs.
ambient temperature characteristics
Sawtooth wave frequency vs.
timing resistance characteristics
(With CT/RT oscillation)
Sawtooth waveform maximum amplitude voltage vs.
timing capacitance characteristics
(With CT/RT oscillation)
Power supply current vs.
power supply voltage characteristics
Reference voltage vs.
power supply voltage characteristics
500
400
300
200
100
0
0
4
8
12
16
20
VCC1 = 5 V
Ta = +25
°C
5.0
4.0
3.0
2.0
1.0
0
0
4
8
12
16
20
VCC2 = 6 V
IOR = 0
µA
Ta = +25
°C
2.56
2.54
2.52
2.50
2.48
2.46
2.44
−40
0
20
40
80
−20
60
100
VCC1 = 5 V
VCC2 = 6 V
IOR = 0
µA
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
5
× 10 10
22
3
5
× 10 10
34
5
× 104
2 k
5 k
10 k
50 k 100 k
500 k 1 M
500 k
100 k
50 k
10 k
5 k
1 k
500
100
VCC1 = 5 V
CT = 470 pF
CT = 1500 pF
CT = 4700 pF
CT = 6800 pF
VCC2 = 6 V
SYNC = GND
Ta = +25
°C
SYNC = GND
VCC1 = 5 V
VCC2 = 6 V
RT = 39 k
Ta = +25
°C


Similar Part No. - MB3789

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3782 FUJITSU-MB3782 Datasheet
248Kb / 28P
   Switching Regulator Controller
MB3782 FUJITSU-MB3782 Datasheet
226Kb / 27P
   ASSP Power Supplies BIPOLAR Switching Regulator Controller
MB3782P FUJITSU-MB3782P Datasheet
248Kb / 28P
   Switching Regulator Controller
MB3782P FUJITSU-MB3782P Datasheet
226Kb / 27P
   ASSP Power Supplies BIPOLAR Switching Regulator Controller
MB3782PF FUJITSU-MB3782PF Datasheet
248Kb / 28P
   Switching Regulator Controller
More results

Similar Description - MB3789

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
   External synchronization
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
   External Frequency Synchronization
Rev 0; 2/15
logo
Seiko Instruments Inc
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351 ABLIC-S-8351 Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
logo
Maxim Integrated Produc...
MAX20006EVKIT MAXIM-MAX20006EVKIT Datasheet
884Kb / 9P
   External Frequency Synchronization (SYNC) Input
Rev 0; 5/18
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com