Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2531LQ1146E Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2531LQ1146E
Description  Evaluation Board Operating Instructions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2531LQ1146E Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX2531LQ1146E_14 Datasheet HTML 6Page - National Semiconductor (TI) LMX2531LQ1146E_14 Datasheet HTML 7Page - National Semiconductor (TI) LMX2531LQ1146E_14 Datasheet HTML 8Page - National Semiconductor (TI) LMX2531LQ1146E_14 Datasheet HTML 9Page - National Semiconductor (TI) LMX2531LQ1146E_14 Datasheet HTML 10Page - National Semiconductor (TI) LMX2531LQ1146E_14 Datasheet HTML 11Page - National Semiconductor (TI) LMX2531LQ1146E_14 Datasheet HTML 12Page - National Semiconductor (TI) LMX2531LQ1146E_14 Datasheet HTML 13Page - National Semiconductor (TI) LMX2531LQ1146E_14 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LMX2531L Q 114 6E
E V A L U A TION
BO A RD
OPER A T ING
IN STRUCTIONS
Integer Spurs (Internal Divide by 2 Disabled)
Spur at 10 MHz offset for a frequency of
1106 MHz is -94.7 dBc .
Spur at 10 MHz offset for a frequency of
1146 MHz is -93.2 dBc..
Spur at 10 MHz offset for a frequency of
1184 MHz
is below the spectrum
analyzer noise floor.
10


Similar Part No. - LMX2531LQ1146E_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2531LQ1146E/NOPB TI1-LMX2531LQ1146E/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
More results

Similar Description - LMX2531LQ1146E_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1415E NSC-LMX2531LQ1415E_14 Datasheet
2Mb / 25P
   Evaluation Board Operating Instructions
LMX2531LQ1515E NSC-LMX2531LQ1515E_14 Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
LMX2531LQ1742 NSC-LMX2531LQ1742 Datasheet
938Kb / 16P
   Evaluation Board Operating Instructions
LMX2531LQ1226E NSC-LMX2531LQ1226E_14 Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
logo
Texas Instruments
LMK01801 TI1-LMK01801_14 Datasheet
2Mb / 44P
[Old version datasheet]   Dual Clock Divider Buffer Evaluation Board Operating Instructions
logo
National Semiconductor ...
LMK3001 NSC-LMK3001 Datasheet
3Mb / 23P
   Precision Clock Conditioner with Integrated VCO Evaluation Board Operating Instructions
logo
ebm-papst
K1G200-AD65-04 EBMPAPST-K1G200-AD65-04 Datasheet
1Mb / 9P
   Operating instructions
K3G200-BD64-04 EBMPAPST-K3G200-BD64-04 Datasheet
428Kb / 9P
   Operating instructions
logo
Bosch Sensortec GmbH
TDA26 BOSCH-TDA26 Datasheet
1Mb / 2P
   Operating instructions
logo
Maxim Integrated Produc...
DS1703K MAXIM-DS1703K Datasheet
250Kb / 11P
   Operating Instructions
051503
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com