Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRP1G1KVXI000A0G Datasheet(PDF) 6 Page - OPLINK Communications Inc.

Part # TRP1G1KVXI000A0G
Description  SFP CWDM Transceivers with Digital Diagnostics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRP1G1KVXI000A0G Datasheet(HTML) 6 Page - OPLINK Communications Inc.

  TRP1G1KVXI000A0G Datasheet HTML 1Page - OPLINK Communications Inc. TRP1G1KVXI000A0G Datasheet HTML 2Page - OPLINK Communications Inc. TRP1G1KVXI000A0G Datasheet HTML 3Page - OPLINK Communications Inc. TRP1G1KVXI000A0G Datasheet HTML 4Page - OPLINK Communications Inc. TRP1G1KVXI000A0G Datasheet HTML 5Page - OPLINK Communications Inc. TRP1G1KVXI000A0G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2013, Oplink Communications, Inc.
S0137. Rev. 04 (web) 2013-02-15
TRP1G1xxXIxG CWDM
Model Name
Operating
Temperature
Nominal
Wavelength
(nm)
Latch
Color
22dB Link Budget
(62km Reach, YX)1
24dB Link Budget
(70km Reach, ZX)1
32dB Link Budget
(120km Reach, VX)1
TRP1G1HYXI000L0G
TRP1G1KZXI000L0G
TRP1G1KVXI000L0G
- 40°C to +85°C
1271
Light Violet
TRP1G1HYXI000K0G
TRP1G1KZXI000K0G
TRP1G1KVXI000K0G
- 40°C to +85°C
1291
Sky blue
TRP1G1HYXI000J0G
TRP1G1KZXI000J0G
TRP1G1KVXI000J0G
- 40°C to +85°C
1311
Lime
TRP1G1HYXI000H0G
TRP1G1KZXI000H0G
TRP1G1KVXI000H0G
- 40°C to +85°C
1331
Dark Green
TRP1G1HYXI000G0G
TRP1G1KZXI000G0G
TRP1G1KVXI000G0G
- 40°C to +85°C
1351
Pink
TRP1G1HYXI000F0G
TRP1G1KZXI000F0G
TRP1G1KVXI000F0G
- 40°C to +85°C
1371
Beige
TRP1G1HYXI000D0G
TRP1G1KZXI000D0G
TRP1G1KVXI000D0G
- 40°C to +85°C
1391
White
TRP1G1HYXI000C0G
TRP1G1KZXI000C0G
TRP1G1KVXI000C0G
- 40°C to +85°C
1411
Silver
TRP1G1HYXI000B0G
TRP1G1KZXI000B0G
TRP1G1KVXI000B0G
- 40°C to +85°C
1431
Black
TRP1G1HYXI000A0G
TRP1G1KZXI000A0G
TRP1G1KVXI000A0G
- 40°C to +85°C
1451
Magenta
TRP1G1HYXI00010G
TRP1G1KZXI00010G
TRP1G1KVXI00010G
- 40°C to +85°C
1471
Gray
TRP1G1HYXI00020G
TRP1G1KZXI00020G
TRP1G1KVXI00020G
- 40°C to +85°C
1491
Violet
TRP1G1HYXI00030G
TRP1G1KZXI00030G
TRP1G1KVXI00030G
- 40°C to +85°C
1511
Blue
TRP1G1HYXI00040G
TRP1G1KZXI00040G
TRP1G1KVXI00040G
- 40°C to +85°C
1531
Green
TRP1G1HYXI00050G
TRP1G1KZXI00050G
TRP1G1KVXI00050G
- 40°C to +85°C
1551
Yellow
TRP1G1HYXI00060G
TRP1G1KZXI00060G
TRP1G1KVXI00060G
- 40°C to +85°C
1571
Orange
TRP1G1HYXI00070G
TRP1G1KZXI00070G
TRP1G1KVXI00070G
- 40°C to +85°C
1591
Red
TRP1G1HYXI00080G
TRP1G1KZXI00080G
TRP1G1KVXI00080G
- 40°C to +85°C
1611
Brown
1
The indicated transmission distance is for guidelines only, not guaranteed. It assumes a total connector/splice/CWDM mux and demux loss of
4.5dB, allocated system penalty of 2dB and fiber loss of 0.25dB/km. Longer distances can be supported if the optical link power budget is satisfied.
Ordering Information
Package Outline
Dimensions in inches [mm]
Default tolerances:
.xxx = ± .005”, .xx = ± .01”
41.8±0.15
1.645±.006
45±0.20
1.772±.008
15.67
.62
1.27
.05 MAX
1
.04 MAX
13.56
.53
54.6
2.15
9.55
.38
47.50
1.87 REF
1.8
.07
1
.04
8.51
.34
8.9
.35
FRONT EDGE OF
TRANSCEIVER CAGE
6.25±0.051
.25±.002
13.9±0.1
.546±.004


Similar Part No. - TRP1G1KVXI000A0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRP1G10V1D00000G OPLINK-TRP1G10V1D00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRP1G10V1I00000G OPLINK-TRP1G10V1I00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRP1G10V1I00000G OPLINK-TRP1G10V1I00000G Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRP1G1KVXI000A0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-G OPLINK-TRPEG1-G Datasheet
310Kb / 6P
   CWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRXA03 OPLINK-TRXA03 Datasheet
502Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRXAG1M OPLINK-TRXAG1M Datasheet
527Kb / 5P
   SFP Single Mode Transceivers with Digital Diagnostics
TRPEG1-E2G OPLINK-TRPEG1-E2G Datasheet
348Kb / 5P
   Fibre Channel SFP Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com