Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2531LQ1515E Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2531LQ1515E
Description  Evaluation Board Operating Instructions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2531LQ1515E Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX2531LQ1515E_14 Datasheet HTML 3Page - National Semiconductor (TI) LMX2531LQ1515E_14 Datasheet HTML 4Page - National Semiconductor (TI) LMX2531LQ1515E_14 Datasheet HTML 5Page - National Semiconductor (TI) LMX2531LQ1515E_14 Datasheet HTML 6Page - National Semiconductor (TI) LMX2531LQ1515E_14 Datasheet HTML 7Page - National Semiconductor (TI) LMX2531LQ1515E_14 Datasheet HTML 8Page - National Semiconductor (TI) LMX2531LQ1515E_14 Datasheet HTML 9Page - National Semiconductor (TI) LMX2531LQ1515E_14 Datasheet HTML 10Page - National Semiconductor (TI) LMX2531LQ1515E_14 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LMX2531L Q 131 2E
E V A L U A TION
BO A RD
OPER A T ING
IN STRUCTIONS
Free-Running VCO Phase Noise (Internal Divide by 2 Enabled)
The plots to the left show the true phase noise capability of the
VCO. In order to take these plots, the E5052 phase nose
analyzer was used.
The method was to lock the PLL to the
proper frequency, then disable the EN_PLL, EN_PLLLDO1, and
EN_PLLLDO2 bits. The equipment needs to be able to track
the VCO phase noise to measure in this way, and one can not
let the VCO drift too far off in frequency. If this kind of equipment
is not available, the VCO phase noise can also be measured by
making a very narrow loop bandwidth filter.
When divide by 2 is enabled, the phase noise at lower offsets is
about 6 dB better. At high offsets, the overall phase noise
improvement may be lower because the divider is noise floor is
adding to the phase noise.
7


Similar Part No. - LMX2531LQ1515E_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2531LQ1515E/NOPB TI1-LMX2531LQ1515E/NOPB Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
More results

Similar Description - LMX2531LQ1515E_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2531LQ1415E NSC-LMX2531LQ1415E_14 Datasheet
2Mb / 25P
   Evaluation Board Operating Instructions
LMX2531LQ1742 NSC-LMX2531LQ1742 Datasheet
938Kb / 16P
   Evaluation Board Operating Instructions
LMX2531LQ1226E NSC-LMX2531LQ1226E_14 Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
LMX2531LQ1146E NSC-LMX2531LQ1146E_14 Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
logo
Texas Instruments
LMK01801 TI1-LMK01801_14 Datasheet
2Mb / 44P
[Old version datasheet]   Dual Clock Divider Buffer Evaluation Board Operating Instructions
logo
National Semiconductor ...
LMK3001 NSC-LMK3001 Datasheet
3Mb / 23P
   Precision Clock Conditioner with Integrated VCO Evaluation Board Operating Instructions
logo
ebm-papst
K1G200-AD65-04 EBMPAPST-K1G200-AD65-04 Datasheet
1Mb / 9P
   Operating instructions
K3G200-BD64-04 EBMPAPST-K3G200-BD64-04 Datasheet
428Kb / 9P
   Operating instructions
logo
Bosch Sensortec GmbH
TDA26 BOSCH-TDA26 Datasheet
1Mb / 2P
   Operating instructions
logo
Maxim Integrated Produc...
DS1703K MAXIM-DS1703K Datasheet
250Kb / 11P
   Operating Instructions
051503
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com