Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPEG1CLXI000E2 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRPEG1CLXI000E2
Description  Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1CLXI000E2 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRPEG1CLXI000E2 Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1CLXI000E2 Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1CLXI000E2 Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1CLXI000E2 Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1CLXI000E2 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Oplink Communications, Inc.
20
19
18
17
16
15
14
13
12
11
TX G N D
TD - (TX D ATA IN -)
TD + (TX D ATA IN +)
TX G N D
VccTX
VccRX
RX G N D
RD + (RX D ATA OU T+)
RD - (RX D ATA OU T-)
RX G N D
Electrical Pad Layout
H ost B oard C onnector Pad Layout
Tow ard
B ezel
Tow ard
A SIC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
TX G N D
TX Fault
TX D isable
M OD _D EF(2)
M OD _D EF(1)
M OD _D EF(0)
N O CON N ECTION
LOS
RX G N D
RX G N D
Bottom of Board
(as viewed thru top of board)
Top of Board
TR PEG1 -E2 Single Mode
3
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Sw ing (TD + & TD -)1
V
PP-DIF
0.50
-
2.4
V
Input H IG H Voltage (TX D isable)2
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX D isable)2
V
IL
0
-
0.8
V
Output H IG H Voltage (TX Fault)3
V
OH
2.0
-
V
CC"+ 0.3
V
Output LOW Voltage (TX Fault)3
V
OL
0
-
0.8
V
1
D i erential peak-to-peak voltage.
2
There is an internal 4.7 to 10k pull-up resistor to VccT.
3
Open collector compatible,4.7 to 10k pull-up resistor to Vcc (H ost Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Sw ing (RD + & RD -)1
V
PP-DIF
0.6
-
2.0
V
Output H IG H Voltage (LOS)2
V
OH
2.0
-
V
CC"+ 0.3
V
Output LOW Voltage (LOS)2
V
OL
0
-
0.5
V
1
D i erential peak-to-peak voltage across external 100 load.
2
Open collector compatible,4.7 to 10k pull-up resistor to Vcc (H ost Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
V
CC
3.13
3.3
3.47
V
Supply Current
LX
I
CC
-
190
245
mA
EX,YX,ZX
-
200
300
MO D _D EF(0)
pin 6
MO D _D EF(1)
pin 5
MO D _D EF(2)
pin 4
Interpretation by H ost
TTL LOW
SCL
SD A
Serial module definition protocol
Transmitter Electrical Interface (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
R eceiver Electrical Interface (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Electrical Pow er Supply C haracteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Module D efinition
21737-0968,Rev.A
2008-09-09


Similar Part No. - TRPEG1CLXI000E2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1CLXI000E2 OPLINK-TRPEG1CLXI000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
More results

Similar Description - TRPEG1CLXI000E2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPUG1CLXX000E2G OPLINK-TRPUG1CLXX000E2G Datasheet
675Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
logo
OPLINK Communications I...
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com