Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWFA5120P0022H2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SWFA5120P0022H2
Description  Single Window Fixed In-line Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFA5120P0022H2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SWFA5120P0022H2 Datasheet HTML 1Page - OPLINK Communications Inc. SWFA5120P0022H2 Datasheet HTML 2Page - OPLINK Communications Inc. SWFA5120P0022H2 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Description
Features
SWFA Series
1310nm
S band
C band
L band
C+L band
Unit
Wavelength Range
1270~1350
1420~1500
1530~1565
1570~1605
1530~1610
nm
Fiber Type
Corning SMF-28 or equivalent
Insertion Loss [1]
See Insertion Loss Table I & II
Return Loss
Min 50
dB
Temperature Dependent Loss [2]
Max 0.15
dB
Optical Power Handling
Max 500
mW
Operating Temperature Range [3]
-40 to +75
°C
Storage Temperature Range
-40 to +85
°C
Package Dimension [4]
P1: 250μm bare fiber
(Ø) 3.0 x (L) 47.0
mm
P2: 900μm loose tube
(Ø) 3.0 x (L) 60.0
P3: 3mm cable
(L) 96.0 x (W) 12.0 x (H) 6.4
Qualification
Telcordia GR-1221
Applications
Performance Specificationns
[1]
Values are referenced without connector loss.
[2]
Temperature Sensitivity Coefficient ~0.002dB/°C at the range of –5 to 75°C.
[3]
Operating temperature range changes to -5 to 75°C in P2, P3 package and all package with connectors.
[4]
The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
L
Ø
Input
Output
S0101 - R02. (web) 20120710
Single Window Fixed In-line Attenuators
(1310, S, C, L and C+L Band)
SWFA Series
The Oplink fused single window wideband Fixed In-line Attenuators provide ac-
curate attenuation over wide bandwidth with high performance and high reliabil-
ity. These attenuators have excellent temperature stability, very good wavelength
flatness, very low polarization sensitivity and are available with various attenua-
tion ratios, wavelength ranges, and connector options. All devices are shown to
be able to handle high optical power up to 4W and are tested according to indus-
try standard procedures. Reliability is guaranteed through stringent tests to fully
meet Telcordia GR-1221 requirements.
Wavelength Independent
Low Insertion Loss and PDL
High Power Handling
Guranteed Reliability
Flatness Adjustment
Power Management
Testing Instruments
Laboratory R&D


Similar Part No. - SWFA5120P0022H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFA5120P00 OPLINK-SWFA5120P00 Datasheet
165Kb / 3P
   Single Window Fixed In-line Attenuators
More results

Similar Description - SWFA5120P0022H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFA-S0101 OPLINK-SWFA-S0101 Datasheet
169Kb / 3P
   Single Window Fixed In-line Attenuators
SWFA3120P00 OPLINK-SWFA3120P00 Datasheet
165Kb / 3P
   Single Window Fixed In-line Attenuators
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com