Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPE03EL1I000E1 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRPE03EL1I000E1
Description  Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE03EL1I000E1 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRPE03EL1I000E1 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE03EL1I000E1 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE03EL1I000E1 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE03EL1I000E1 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE03EL1I000E1 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Oplink Communications, Inc.
Electrical Pad Layout
H ost B oard C onnector Pad Layout
Tow ard
B ezel
Tow ard
A SIC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX G ND
TD- (TX DATA IN-)
TD+ (TX DATA IN+)
TX G ND
VccTX
VccRX
RX G ND
RD+ (RX DATA OU T+)
RD- (RX DATA OU T-)
RX G ND
1
2
3
4
5
6
7
8
9
10
TX G ND
TX Fault
TX Disable
MOD_DEF(2)
MOD_DEF(1)
MOD_DEF(0)
NO CONNECTION
LOS
RX G ND
RX G ND
Bottom of Board
(as viewed thru top of board)
Top of Board
TR PE 0 3-E 1 Single Mode
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Sw ing (TD+ & TD-)1
V
PP-DIF
0.35
-
2.4
V
Input H IG H Voltage (TX Disable)2
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX Disable)2
V
IL
0
-
0.8
V
Output H IG H Voltage (TX Fault)3
V
OH
2.0
-
V
CC#+ 0.3
V
Output LOW Voltage (TX Fault)3
V
OL
0
-
0.8
V
1
Di erential peak-to-peak voltage.
2
There is an internal 4.7 to 10k pull-up resistor to VccT.
3
Open collector compatible,4.7 to 10k pull-up resistor to Vcc (H ost Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Sw ing (RD+ & RD-)1
V
PP-DIF
0.6
-
2.0
V
Output H IG H Voltage (LOS)2
V
OH
2.0
-
V
CC#+ 0.3
V
Output LOW Voltage (LOS)2
V
OL
0
-
0.5
V
1
Di erential peak-to-peak voltage across external 100 load.
2
Open collector compatible,4.7 to 10k pull-up resistor to Vcc (H ost Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
V
CC
3.13
3.3
3.47
V
Supply Current
OC-3 (IR-1,LR-1)
I
CC
-
190
220
mA
MO D _D EF(0)
pin 6
MO D _D EF(1)
pin 5
MO D _D EF(2)
pin 4
Interpretation by H ost
TTL LOW
SCL
SDA
Serial module definition protocol
Transmitter Electrical Interface (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
R eceiver Electrical Interface (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Electrical Pow er Supply C haracteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Module D efinition
21737-0969,Rev.A
2008-11-11


Similar Part No. - TRPE03EL1I000E1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03EL1I000E1 OPLINK-TRPE03EL1I000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPE03EL1I000E1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com