Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRX848XR2H000P9 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # SRX848XR2H000P9
Description  Receiver without Clock Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRX848XR2H000P9 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  SRX848XR2H000P9 Datasheet HTML 1Page - OPLINK Communications Inc. SRX848XR2H000P9 Datasheet HTML 2Page - OPLINK Communications Inc. SRX848XR2H000P9 Datasheet HTML 3Page - OPLINK Communications Inc. SRX848XR2H000P9 Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Oplink Communications, Inc.
Application Notes
SHORT & INTERMEDIATE REACH
LONG REACH
PD
External
Monitor Resistor
(3 Kohm recommended)
PD Current
Monitor
PM+
VCC
APD
1 K
10 K
10 K
APD Bias
Supply
PM+
PM-
8
4
-
X
R
S
8
4
-
X
R
S
50 ohm line
50 ohm line
SRX-48
9
4,5,6,7,11,12,13
14,15,16,19,21
8
DATA+
10
1 µH coil or ferrite bead
(<0.2 ohm series resistance)
DATA-
SIGNAL DETECT
17,18
20
3
+10
0.01
for SR & IR only
+5V
PM-
to 50 ohm load
to 50 ohm load
+
10
0.01
0.01
+5V
+
100
+
10
22
for LR only
The AC coupling capacitor is typically
0.022
µF for 2.48 Gb/s. If operation at
lower data rates is required, a parrallel
combination of 0.022
µF &
0.22
µF (or larger) is recommended
Interface Circuit
SRX48
R5.2008.04.30
3
The receiver converts the incident optical power to a
photocurrent via a high performance P-I-N photodiode (Short
and Intermediate Reach version) or an avalanche photodiode
(Long Reach version). For the Short and Intermediate Reach
version, the photocurrent can be monitored via the voltage
drop across an external resistor connected between PM+
and V
CC. For the Long Reach version, the photocurrent can
be monitored via the differential voltage across the two PM+
and PM- output pins. It is important to note that the Common
Mode voltage of these two monitor outputs (i.e. DC voltages
at PM+ and PM-) is high (- 60 V typical). The APD Bias Voltage
is temperature compensated to ensure stable operation over
the entire operating temperature range.
The DATA outputs are differential signals designed to
be AC-coupled into 50 ohm load. Transmission lines are
recommended for best performance.
The Signal Detect circuit monitors the level of the incoming
optical signal and generates a TTL logic LOW signal at the
SIGNAL DETECT output when insufficient photocurrent is
produced. No termination resistor is required for the SIGNAL
DETECT output.


Similar Part No. - SRX848XR2H000P9

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRX803XR2H000P4 OPLINK-SRX803XR2H000P4 Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
SRX803XR2H000P5 OPLINK-SRX803XR2H000P5 Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
SRX803XR2H000PA OPLINK-SRX803XR2H000PA Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
SRX803XR2H000PB OPLINK-SRX803XR2H000PB Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
SRX803XR2H000PC OPLINK-SRX803XR2H000PC Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
More results

Similar Description - SRX848XR2H000P9

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
   OC-48/STM-16 Receiver without Clock Recovery
SRC12 OPLINK-SRC12 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC48 OPLINK-SRC48 Datasheet
762Kb / 4P
   Receiver with Clock Recovery
SRC03-0401 OPLINK-SRC03-0401 Datasheet
660Kb / 4P
   OC-3/STM-1 Receiver with Clock Recovery
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Agilent(Hewlett-Packard...
RGR2622 HP-RGR2622 Datasheet
102Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com