Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPP1XGDS0XG Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TPP1XGDS0XG
Description  Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPP1XGDS0XG Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TPP1XGDS0XG Datasheet HTML 1Page - OPLINK Communications Inc. TPP1XGDS0XG Datasheet HTML 2Page - OPLINK Communications Inc. TPP1XGDS0XG Datasheet HTML 3Page - OPLINK Communications Inc. TPP1XGDS0XG Datasheet HTML 4Page - OPLINK Communications Inc. TPP1XGDS0XG Datasheet HTML 5Page - OPLINK Communications Inc. TPP1XGDS0XG Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Oplink Communications, Inc
ESD & Electromagnetic Compatibility
Interfacing the Transceivers
50 line
50 line
50 line
50 line
TD+
TD-
RD+
RD-
ASIC/
SerDes
+
4.7µH
0.1µF
22µF
0.1µF
+3.3V
+3.3V
+3.3V
SCL, SDA, MOD_ABS
TX_Fault
+3.3V
R
R
R
SFP+
VccR
RX_LOS
+
4.7µH
0.1µF
22µF
0.1µF
+3.3V
VccT
VeeT, VeeR
R: 4.7k to 10k
Application Schematics Recommended electrical connections to transceiver are shown below.
Communication is via a serial 2-wire serial interface. As described in the document SFF-8472 (REV. 10.4) there are two distinct address spaces:
TPP1XGDS0xG
5
21737-0983. Rev.05. 2011-02-23
Requirements
Standard
Status
Electro Static Discharge to the Electrical Pins (ESD)
EIA/JESD22-A114-B
MIL-STD 883C Method 3015.7
Exceeds requirements
Class 1B (>1000V)
Immunity to ESD (housing, receptacle)
IEN 61000-4-2
Exceeds requirements
Discharges ranging from 2kV to 15kV
without damages to the transceiver
Electromagnetic Emission (EMI)
FCC Part 15, Class B
EN 55022 Class B
CISPR 22
Exceeds requirements Class B
Base Address A0(hex)
Byte Address
Content
0 – 95
Serial Transceiver ID as defined in SFP MSA
96 – 127
OPLINK Specific
128 – 255
Reserved
Base Address A2(hex)
Byte Address
Content
0 - 55
Alarm & Warnings thresholds & limits
56 - 95
External calibration constants (not used)
96 – 119
Values from real time diagnostic monitoring
120 – 127
Not used
128 – 247
Customer specific, writable area
248 - 255
Not used


Similar Part No. - TPP1XGDS0XG

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPP1XGDS0XG-0983 OPLINK-TPP1XGDS0XG-0983 Datasheet
265Kb / 6P
   850nm SFP Transceiver
More results

Similar Description - TPP1XGDS0XG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
   Transceiver
78P2241 ETC-78P2241 Datasheet
132Kb / 23P
   Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
Texas Instruments
SN75LBC773 TI-SN75LBC773 Datasheet
173Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com