Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRX812XR2I000P4 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # SRX812XR2I000P4
Description  High Sensitivity OC-12/STM-4 APD Receivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRX812XR2I000P4 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  SRX812XR2I000P4 Datasheet HTML 1Page - OPLINK Communications Inc. SRX812XR2I000P4 Datasheet HTML 2Page - OPLINK Communications Inc. SRX812XR2I000P4 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Oplink Communications, Inc.
Interface Circuit
Pin Assignments (Top View)
SIGNAL
DETECT+
VPD
OUTPUT
SIGNAL
DETECT -
Note 1: This resistor is for the PECL option only. It should be omitted for TTL option.
Note 2: Resistor values are in Ω, capacitor values are in
µF.
1
µH coil or
ferrite inductor
SRX
+5V
510 (Note 1)
510 (Note 1)
0
1
0
1
17
9
8
130
3
1,24
4,11,12,13
14,15,19
1
0
.
0
1
0
.
0
7,18,20
82
82
16
DATA+
DATA -
130
All CASE pins should be grounded
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
N/C: No internal
connection
CASE
N/C
V
PD OUT
GND
V
PM+
V
PM-
V
CC
DATA+
DATA-
N/C
GND
GND
CASE
N/C
N/C
N/C
V
CC
V
CC
SIGNAL DETECT -
SIGNAL DETECT +
GND
GND
GND
GND
Receiver Performance Characteristics (Over Operating Case Temperature, V
CC = 4.75 to 5.25V)
SRX12-APD
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
622
-
Mb/s
Receiver Sensitivity
(10-10 BER) 2
Temperature Option “I”
P
min
- 37.0
- 40.5
-
dBm
Temperature Option “H”
- 38.0
- 40.5
-
Maximum Input Optical Power (10-10 BER) 2
P
max
- 8.0
- 3.0
-
dBm
Signal Detect
Thresholds
Increasing Light Input
P
sd+
-
-
- 38.0
dBm
Decreasing Light Input
P
sd-
- 55.0
-
-
Signal Detect Hysteresis
-
-
0.5
-
dB
Wavelength of Operation
λ
1100
-
1600
nm
Optical Power Monitor Differential Voltage (at 25°C)
V
PM
-
10
-
mV/µW
1
Data rate ranges from 50Mb/s to 700Mb/s. However, some degradation may be incurred in overall performance.
2
Specified in average optical input power and measured at 1310nm wavelength with 223-1 PRBS at 622Mb/s.
Receiver Electrical Interface (Over Operating Case Temperature, V
CC = 4.75 to 5.25V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
V
CC
4.75
5.0
5.25
V
Supply Current
I
CC
-
120
180
mA
DATA Output HIGH Voltage 1
V
OH
V
CC - 1.150
-
V
CC - 0.880
V
DATA Output LOW Voltage 1
V
OL
V
CC - 1.830
-
V
CC - 1.555
V
SIGNAL DETECT HIGH Voltage (PECL option) 1
V
OH
V
CC - 1.150
-
V
CC - 0.880
V
SIGNAL DETECT LOW Voltage (PECL option) 1
V
OL
V
CC - 1.830
-
V
CC - 1.555
V
SIGNAL DETECT HIGH Voltage (TTL option)
V
OH
2.7
-
V
CC
V
SIGNAL DETECT LOW Voltage (TTL option)
V
OL
0
-
0.5
V
V
PD Output Voltage (maximum current 3mA)
V
PD
- 90
- 60
- 20
V
1
With termination of 50Ω to
V
CC - 2V.
2
R3.2008.04.30
All parameters guaranteed only at typical data rate


Similar Part No. - SRX812XR2I000P4

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRX803XR2H000P4 OPLINK-SRX803XR2H000P4 Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
SRX803XR2H000P5 OPLINK-SRX803XR2H000P5 Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
SRX803XR2H000PA OPLINK-SRX803XR2H000PA Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
SRX803XR2H000PB OPLINK-SRX803XR2H000PB Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
SRX803XR2H000PC OPLINK-SRX803XR2H000PC Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
More results

Similar Description - SRX812XR2I000P4

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRX12APD-0410 OPLINK-SRX12APD-0410 Datasheet
420Kb / 3P
   High Sensitivity OC-12/STM-4 APD Receivers
SRX03APD-0420 OPLINK-SRX03APD-0420 Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
SRX03-APD OPLINK-SRX03-APD Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
logo
Renesas Technology Corp
894D115I-01 RENESAS-894D115I-01 Datasheet
423Kb / 17P
   OC-12/STM-4 and OC-3/STM-1 Clock/Data Recovery Device
Rev C 2/19/15
894D115I-04 RENESAS-894D115I-04 Datasheet
441Kb / 16P
   OC-12/STM-4 AND OC-3/STM-1 Clock/Data Recovery Device
January 27, 2016
logo
OPLINK Communications I...
TRPU12XXXX000E2G OPLINK-TRPU12XXXX000E2G Datasheet
548Kb / 5P
   Multi-Rate OC-12/STM-4 SFP Transceivers
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
logo
Finisar Corporation.
FTLF1322F2GTR FINISAR-FTLF1322F2GTR Datasheet
216Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
FTLF1322F2XTR FINISAR-FTLF1322F2XTR Datasheet
240Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
FTLF1322S2GTR FINISAR-FTLF1322S2GTR Datasheet
248Kb / 11P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x10 SFF Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com