Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMTC145050A1213 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # PMTC145050A1213
Description  Polarization Maintaining Tap Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PMTC145050A1213 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  PMTC145050A1213 Datasheet HTML 1Page - OPLINK Communications Inc. PMTC145050A1213 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Ordering Information
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
PMTC
Package 1: with bare fiber
Package 2: with 900μm loose tube
40.0 mm
COMM
PORT 2
Ø 5.5 mm
1
3
PORT 1
2
34.0 mm
PORT2
PORT1
Ø 5.5 mm
1
3
COMM
2
Polarization Maintaining Tap Coupler
PMTC Series
S0068 - R01. 20100603
Tap Ratio
Package Type & Fiber Jacket
05/95 = 05
10/90 = 10
50/50 = 50
P1+ 400μm bare fiber = 11
P1+ 250μm bare fiber = 12
P2+ 250μm fiber+ 900μm loose tube = 21
P2+ 400μm fiber+ 900μm loose tube = 22
Grade
Center Channel Wavelength
Fiber Length*
Ultra P Grade = U
P Grade = P
A Grade = A
0.5 meter = H
1.0 meter = 1
1.5 meters = 5
2.0 meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
* 1 meter is standard. The lead-time for special fiber length will be longer.
Connector key is aligned to slow axis.
1450nm = 1450
1480nm = 1480
1550nm = 1550


Similar Part No. - PMTC145050A1213

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMTC1450A011 OPLINK-PMTC1450A011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1450A022 OPLINK-PMTC1450A022 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1450P011 OPLINK-PMTC1450P011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1450P022 OPLINK-PMTC1450P022 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
More results

Similar Description - PMTC145050A1213

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
logo
JDS Uniphase Corporatio...
FFP-513145 JDSU-FFP-513145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
logo
OPLINK Communications I...
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
logo
Lightel Technologies IN...
PMPC-0980-1-B-1 LIGHTEL-PMPC-0980-1-B-1 Datasheet
88Kb / 1P
   Polarization Maintaining Patch Cord
logo
OPLINK Communications I...
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
PMBC-S0066 OPLINK-PMBC-S0066 Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com