Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC812XR1I000C1 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # SRC812XR1I000C1
Description  Receiver with Clock Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRC812XR1I000C1 Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  SRC812XR1I000C1 Datasheet HTML 1Page - OPLINK Communications Inc. SRC812XR1I000C1 Datasheet HTML 2Page - OPLINK Communications Inc. SRC812XR1I000C1 Datasheet HTML 3Page - OPLINK Communications Inc. SRC812XR1I000C1 Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2008, Oplink Communications, Inc.
ST Receptacle Package
Dimension in inches
Dimension in inches
Dimension in inches
SC-receptacled Package
FC-receptacled Package
SRC12 Series
R5.2008.06.04
4
SRC
0
0
0
2
X
R
1
8
1
Supply Voltage
RX only 5V= 8
Temperature Range
Connector Type & Option
Pigtail FC= P1
Pigtail ST= P2
Pigtail SC= P3
ST Connector= C1
FC Connector= C2
SC Connector= C3
-40 ~85˚C= I
0~70˚C= H
Receivers
Wavelength Range
1100~1600nm PIN
Ordering Information


Similar Part No. - SRC812XR1I000C1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC803XR1H000P4 OPLINK-SRC803XR1H000P4 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000P5 OPLINK-SRC803XR1H000P5 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PA OPLINK-SRC803XR1H000PA Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PB OPLINK-SRC803XR1H000PB Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PC OPLINK-SRC803XR1H000PC Datasheet
660Kb / 4P
   Receiver with Clock Recovery
More results

Similar Description - SRC812XR1I000C1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC48 OPLINK-SRC48 Datasheet
762Kb / 4P
   Receiver with Clock Recovery
SRX48 OPLINK-SRX48 Datasheet
665Kb / 4P
   Receiver without Clock Recovery
SRC03-0401 OPLINK-SRC03-0401 Datasheet
660Kb / 4P
   OC-3/STM-1 Receiver with Clock Recovery
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Agilent(Hewlett-Packard...
RGR2622 HP-RGR2622 Datasheet
102Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com