Electronic Components Datasheet Search |
|
PMIH14400002153 Datasheet(PDF) 1 Page - OPLINK Communications Inc. |
|
PMIH14400002153 Datasheet(HTML) 1 Page - OPLINK Communications Inc. |
1 / 2 page Product Description Features Applications Performance Specificationns PMIH Series Specification Unit Operating Wavelength 1480 ± 30 / 1440 ± 30 nm Insertion Loss < 0.6 dB Isolation > 18 dB Extinction Ratio (room temperature) > 20 dB Return Loss > 50 dB Directivity > 50 dB Direction of Incident Polarization Slow Axis Maximun Power Handling < 500 mW Fiber Type Input Ports (1 & 2) 400µm / 250µm Panda fiber Output Port (Common) Corning SMF-28, 250µm bare fiber Operating Temperature 0 +70 °C Storage Temperature -40 +85 °C Package Dimension P1 : (Ø) 5.5±0.2 x (L) 34.0±1 mm Notes [1] Values are referenced without connector loss [2] ER is 3dB lower if connector added 34.0 mm PORT2 Panda Fiber PORT1 Panda Fiber 3 1 Ø5.5 mm COMM SMF-28 2 S0162 - R02. 20111108 Polarization Maintaining Beam Combiner and Isolator Hybrid PMIH Series Oplink’s polarization maintaining beam combiner and isolator hybrid deliv- ers the combined functionality of a PMBC and an isolator within a single, compact-sized package. Oplink’s integrated solution is designed to work as pump combiner for EDFA and Raman amplifications and features very high power handling and low insertion loss. Oplink’s patented packaging tech- nology ensures the highest quality and reliability for robust operation. Oplink can provide customized designs to meet specialized feature applica- tions. Also, Oplink offers modular assemblies that integrate other compo- nents to form a full function module or subsystem. Low Insertion Loss High Stability & Reliability Epoxy-free Optical Path Compact Package Size EDFA & Raman Amplifiers Highly Integrated Modules Laboratory R&D |
Similar Part No. - PMIH14400002153 |
|
Similar Description - PMIH14400002153 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |