Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC803XR1I000PB Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # SRC803XR1I000PB
Description  Receiver with Clock Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRC803XR1I000PB Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  SRC803XR1I000PB Datasheet HTML 1Page - OPLINK Communications Inc. SRC803XR1I000PB Datasheet HTML 2Page - OPLINK Communications Inc. SRC803XR1I000PB Datasheet HTML 3Page - OPLINK Communications Inc. SRC803XR1I000PB Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Application Notes
Receiver Circuit: The receiver converts the incident optical power to a
photocurrent via a high performance PIN photodiode.The photocurrent
is converted to a voltage signal by a transimpedance amplifier. This
signal is then amplified by additional gain stages and processed through
a shaping filter and a comparator to generate the data to the clock
recovery circuit.The clock recovery circuit uses a Phase Lock Loop (PLL) to
recover the clock from the data and resamples the data to generate clean
and reshaped differential DATAoutputs. Also provided are differential
recovered CLOCK outputs.
Both differential DATA+ and DATA- as well as CLOCK+ and CLOCK- outputs
are open emitter PECL levels requiring termination (50 ohms to V
CC - 2
volts or 510 ohms to GND is recommended). For optimum performance,
both outputs should be terminated in the same manner, even if only
one is used.
The Signal Detect circuit monitors the level of the incoming optical signal
and generates a logic LOW (TTL) signal when insufficient photocurrent
is produced.
Interface Circuit: The power supply line should be wellfiltered. The
power supply should be bypassed by 0.01 or 0.1 µF ceramic chip
capacitors placed as close to the receiver module as possible. If the
receiver outputs drive long traces or multiple loads, the use of an ECL
buffer gate to isolate the receiver from transmission line reflections is
recommended.
Oplink Communications, Inc.
Pin Assignments (Top View)
Pigtail Package
DATA & CLOCK Timing Diagram
All CASE pins should be grounded
Dimension in inches
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CASE
N/C
N/C
CLOCK +
CLOCK -
DATA+
GND
GND
DATA -
N/C
CASE
N/C
N/C
N/C
N/C
GND
SIGNAL DETECT -
CASE
SIGNAL DETECT+
V
(+5 V)
CC
N/C: No internal connection
The pigtail length from the package edge is
1.0 meter minimum, 1.1 meter typical.
DATA
CLOCK
Set-up
3.0 < t
S < 3.5 ns
Hold
3.0 < t
H < 3.3 ns
SRC03 Series
3
R5.2008.06.18


Similar Part No. - SRC803XR1I000PB

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC812XR1H000C1 OPLINK-SRC812XR1H000C1 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC812XR1H000C2 OPLINK-SRC812XR1H000C2 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC812XR1H000C3 OPLINK-SRC812XR1H000C3 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC812XR1H000P1 OPLINK-SRC812XR1H000P1 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC812XR1H000P2 OPLINK-SRC812XR1H000P2 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
More results

Similar Description - SRC803XR1I000PB

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC12 OPLINK-SRC12 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC48 OPLINK-SRC48 Datasheet
762Kb / 4P
   Receiver with Clock Recovery
SRX48 OPLINK-SRX48 Datasheet
665Kb / 4P
   Receiver without Clock Recovery
SRC03-0401 OPLINK-SRC03-0401 Datasheet
660Kb / 4P
   OC-3/STM-1 Receiver with Clock Recovery
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Agilent(Hewlett-Packard...
RGR2622 HP-RGR2622 Datasheet
102Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com