Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3771 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB3771
Description  Power Supply Monitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3771 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB3771 Datasheet HTML 1Page - Fujitsu Component Limited. MB3771 Datasheet HTML 2Page - Fujitsu Component Limited. MB3771 Datasheet HTML 3Page - Fujitsu Component Limited. MB3771 Datasheet HTML 4Page - Fujitsu Component Limited. MB3771 Datasheet HTML 5Page - Fujitsu Component Limited. MB3771 Datasheet HTML 6Page - Fujitsu Component Limited. MB3771 Datasheet HTML 7Page - Fujitsu Component Limited. MB3771 Datasheet HTML 8Page - Fujitsu Component Limited. MB3771 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MB3771
5
s
s
s
s ELECTRICAL CHARACTERISTICS
1.
DC Characteristics
(VCC = 5 V, Ta = + 25
°C)
Parameter
Symbol
Conditions
Value
Unit
Min.
Typ.
Max.
Power supply current
ICC1
VSB = 5 V, VSC = 0 V
350
500
µA
ICC2
VSB = 0 V, VSC = 0 V
400
600
µA
Detection voltage
VSAL
(DOWN)
VCC
4.10
4.20
4.30
V
Ta =
−40 °C to +85 °C
4.05
4.20
4.35
V
VSAH (UP)
VCC
4.20
4.30
4.40
V
Ta =
−40 °C to +85 °C
4.15
4.30
4.45
V
Hysterisis width
VHYSA
50
100
150
mV
Detection voltage
VSB
VSB
1.212
1.230
1.248
V
Ta =
−40 °C to +85 °C
1.200
1.230
1.260
V
Deviation of detection voltage
∆VSB
VCC = 3.5 V to 18 V
310
mV
Hysterisis width
VHYSB
14
28
42
mV
Input current
IIHB
VSB = 5 V
0
250
nA
IILB
VSB = 0 V
20
250
nA
“H” level output voltage
VOHR
IRESET =
−5 µA, VSB = 5 V
4.5
4.9
V
Output saturation voltage
VOLR
IRESET = 3mA, VSB = 0 V
0.28
0.4
V
IRESET = 10mA, VSB = 0 V
0.38
0.5
V
Output sink current
IRESET
VOLR = 1.0 V, VSB = 0 V
20
40
mA
CT charge current
ICT
VSB = 5 V, VCT = 0.5 V
9
12
16
µA
Input current
IIHC
VSC = 5 V
0
500
nA
IILC
VSC = 0 V
50
500
nA
Detection voltage
VSC
1.225
1.245
1.265
V
Ta =
−40 °C to +85 °C
1.205
1.245
1.285
V
Deviation of detection voltage
∆VSC
VCC = 3.5 V to 18 V
310
mV
Output leakage current
IOHC
VOHC = 18 V
01
µA
Output saturation voltage
VOLC
IOUTC = 4 mA, VSC = 5 V
0.15
0.4
V
Output sink current
IOUTC
VOLC = 1.0 V, VSC = 5 V
6
15
mA
Reset operation minimum
supply voltage
VCCL
VOLR = 0.4 V, IRESET = 200
µA
0.8
1.2
V


Similar Part No. - MB3771

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3771 FUJITSU-MB3771 Datasheet
235Kb / 21P
   Power Supply Monitor
logo
Cypress Semiconductor
MB3771 CYPRESS-MB3771 Datasheet
570Kb / 24P
   Power Supply Monitor
logo
Fujitsu Component Limit...
MB3771PF FUJITSU-MB3771PF Datasheet
235Kb / 21P
   Power Supply Monitor
MB3771PF-G-BND-JNE1 FUJITSU-MB3771PF-G-BND-JNE1 Datasheet
196Kb / 21P
   ASSP For power supply applications BIPOLAR Power Supply Monitor
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
   Power Supply Monitor
More results

Similar Description - MB3771

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
   Power Supply Monitor
logo
Cypress Semiconductor
MB3771 CYPRESS-MB3771 Datasheet
570Kb / 24P
   Power Supply Monitor
logo
Analog Devices
ADM1040 AD-ADM1040 Datasheet
42Kb / 1P
   Power Supply Monitor ASIC
REV. PrG 01/01
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
logo
Analog Devices
ADM709RARZ AD-ADM709RARZ Datasheet
232Kb / 4P
   Power Supply Monitor with Resst
REV. 0
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com