Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS84410 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84410
Description  2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84410 Datasheet(HTML) 2 Page - Texas Instruments

  TPS84410 Datasheet HTML 1Page - Texas Instruments TPS84410 Datasheet HTML 2Page - Texas Instruments TPS84410 Datasheet HTML 3Page - Texas Instruments TPS84410 Datasheet HTML 4Page - Texas Instruments TPS84410 Datasheet HTML 5Page - Texas Instruments TPS84410 Datasheet HTML 6Page - Texas Instruments TPS84410 Datasheet HTML 7Page - Texas Instruments TPS84410 Datasheet HTML 8Page - Texas Instruments TPS84410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TPS84410
SLVSAR5A – SEPTEMBER 2011 – REVISED MARCH 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
ORDERABLE
TRANSPORT
MINIMUM
TA
PACKAGE
PINS
ECO PLAN
NUMBER
MEDIA
QUANTITY
500
Green (RoHS and
TPS84410RKGR
Tape and Reel
no Sb/Br)
Plastic Quad Flat
-40°C to 85°C
39
Pack (BQFN)
250
Green (RoHS and
TPS84410RKGT
Tape and Reel
no Sb/Br)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) over operating temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN, PWRGD
–0.3
7
V
INH/UVLO, RT/CLK
–0.3
3.3
V
Input Voltage
SS/TR, STSEL, VADJ
–0.3
3
V
SENSE+
VADJ rating must also be met
-0.3
VOUT
V
PH
–0.6
7
V
Output Voltage
PH 10ns Transient
–2
7
V
VOUT
-0.6
VIN
V
VDIFF (GND to exposed thermal pad)
–0.2
0.2
V
RT/CLK, INH/UVLO
±100
µA
Source Current
PH
Current Limit
A
PH
Current Limit
A
Sink Current
SS/TR
±100
µA
PWRGD
10
mA
Operating Junction Temperature
–40
125(2)
°C
Storage Temperature
–65
150
°C
Mechanical Shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
1500
G
Mechanical Vibration
Mil-STD-883D, Method 2007.2, 20-2000Hz
20
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See the temperature derating curves in the Typical Characteristics section for thermal information.
2
Copyright © 2011–2012, Texas Instruments Incorporated


Similar Part No. - TPS84410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84410 TI1-TPS84410 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
TPS84410RKG TI1-TPS84410RKG Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
TPS84410RKGR TI1-TPS84410RKGR Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84410RKGT TI1-TPS84410RKGT Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
More results

Similar Description - TPS84410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
[Old version datasheet]   2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS54618C-Q1 TI-TPS54618C-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TPS54618C-Q1 Automotive 2.95-V to 6-V, 6-A, Synchronous Buck Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com