Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKN-12 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # LKN-12
Description  REN (250V) RES (600V) Renewable Class H Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LKN-12 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  LKN-12 Datasheet HTML 1Page - Cooper Bussmann, Inc. LKN-12 Datasheet HTML 2Page - Cooper Bussmann, Inc. LKN-12 Datasheet HTML 3Page - Cooper Bussmann, Inc. LKN-12 Datasheet HTML 4Page - Cooper Bussmann, Inc. LKN-12 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
REN (250V) & RES (600V)
Renewable Class H Fuses
Technical Data 1028
Effective March 2014
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Eaton’s Bussmann Business
114 Old State Road
Ellisville, MO 63021
United States
www.bussmann.com
© 2014 Eaton
All Rights Reserved
Publication No. 1028 — BU-SB14109
March 2014
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.


Similar Part No. - LKN-12

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LKN-12 COOPER-LKN-12 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKN-12 COOPER-LKN-12 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKN-125 COOPER-LKN-125 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKN-125 COOPER-LKN-125 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
More results

Similar Description - LKN-12

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RES-50 COOPER-RES-50 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
RES-90 COOPER-RES-90 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
logo
List of Unclassifed Man...
REN-1 ETC1-REN-1 Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
logo
Eaton All Rights Reserv...
REN EATON-REN Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Littelfuse
RLN LITTELFUSE-RLN Datasheet
777Kb / 1P
   RLN/RLS Class H Fuses
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Littelfuse
RLN LITTELFUSE-RLN_V01 Datasheet
296Kb / 1P
   Class H ??RLN / RLS series fuses & lkn / lks links
Rev: 100112
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com