Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3763 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB3763
Description  Bidirectional Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3763 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB3763 Datasheet HTML 3Page - Fujitsu Component Limited. MB3763 Datasheet HTML 4Page - Fujitsu Component Limited. MB3763 Datasheet HTML 5Page - Fujitsu Component Limited. MB3763 Datasheet HTML 6Page - Fujitsu Component Limited. MB3763 Datasheet HTML 7Page - Fujitsu Component Limited. MB3763 Datasheet HTML 8Page - Fujitsu Component Limited. MB3763 Datasheet HTML 9Page - Fujitsu Component Limited. MB3763 Datasheet HTML 10Page - Fujitsu Component Limited. MB3763 Datasheet HTML 11Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MB3763
7
s
s
s
s TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
60
50
40
30
20
10
0
0
100
200
300
400
500
600
Output Current IO (mA)
20
15
10
5
0
0
4
8
12
16
Power Supply Voltage VCC (V)
VCC = 12 V
VIA = 2.4 V, VIB = 0 V
VIA = VIB = 2.4 V
ICC3
ICC1
2.0
1.5
1.0
0.5
0
0
Output Current IO (mA)
VCC = 12 V
∆VOH (VCC − VO)
VOL
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
5
10
15
20
Input Voltage VI (V)
VCC = 4 V
VCC = 12 V
VCC = 18 V
100
200
300
400
500
600
Output Current vs.
Power Supply Current
Power Supply Voltage vs.
Power Supply Current
Output Current vs.
Output Voltage
Input Voltage vs.
Input Current


Similar Part No. - MB3763

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3763H FUJITSU-MB3763H Datasheet
76Kb / 11P
   Bidirectional Motor Driver
MB3763HPS FUJITSU-MB3763HPS Datasheet
76Kb / 11P
   Bidirectional Motor Driver
More results

Similar Description - MB3763

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1645N SANYO-LB1645N Datasheet
76Kb / 3P
   Bidirectional Motor Driver?
LB1641 SANYO-LB1641_12 Datasheet
79Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
ENA2016 ONSEMI-ENA2016 Datasheet
114Kb / 4P
   Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
   Bidirectional Motor Driver
LB1638 SANYO-LB1638_12 Datasheet
60Kb / 4P
   Bidirectional Motor Driver
LB1641 SANYO-LB1641 Datasheet
75Kb / 4P
   Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M ONSEMI-LB1838M Datasheet
82Kb / 5P
   Bidirectional Motor Driver
June, 2013
logo
Fujitsu Component Limit...
MB3763H FUJITSU-MB3763H Datasheet
76Kb / 11P
   Bidirectional Motor Driver
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641_08 Datasheet
85Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
LB1830MC ONSEMI-LB1830MC Datasheet
67Kb / 4P
   Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com