Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25CP102 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS25CP102
Description  3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP102 Datasheet(HTML) 4 Page - Texas Instruments

  DS25CP102 Datasheet HTML 1Page - Texas Instruments DS25CP102 Datasheet HTML 2Page - Texas Instruments DS25CP102 Datasheet HTML 3Page - Texas Instruments DS25CP102 Datasheet HTML 4Page - Texas Instruments DS25CP102 Datasheet HTML 5Page - Texas Instruments DS25CP102 Datasheet HTML 6Page - Texas Instruments DS25CP102 Datasheet HTML 7Page - Texas Instruments DS25CP102 Datasheet HTML 8Page - Texas Instruments DS25CP102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS25CP102
SNLS262D – OCTOBER 2007 – REVISED MAY 2011
www.ti.com
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
3.0
3.3
3.6
V
Receiver Differential Input Voltage (VID)
0
1
V
Operating Free Air Temperature (TA)
−40
+25
+85
°C
DC Electrical Characteristics
(1) (2) (3)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS DC SPECIFICATIONS
VIH
High Level Input Voltage
2.0
VCC
V
VIL
Low Level Input Voltage
GND
0.8
V
IIH
High Level Input Current
VIN = 3.6V
40
175
250
μA
VCC = 3.6V
IIL
Low Level Input Current
VIN = GND
0
±10
μA
VCC = 3.6V
VCL
Input Clamp Voltage
ICL = −18 mA, VCC = 0V
−0.9
−1.5
V
LVDS INPUT DC SPECIFICATIONS
VID
Input Differential Voltage
0
1
V
VTH
Differential Input High Threshold
VCM = +0.05V or VCC-0.05V
0
+100
mV
VTL
Differential Input Low Threshold
−100
0
mV
VCMR
Common Mode Voltage Range
VID = 100 mV
0.05
VCC -
V
0.05
VIN = +3.6V or 0V
±1
±10
μA
IIN
Input Current
VCC = 3.6V or 0V
CIN
Input Capacitance
Any LVDS Input Pin to GND
1.7
pF
RIN
Input Termination Resistor
Between IN+ and IN-
100
Ω
LVDS OUTPUT DC SPECIFICATIONS
VOD
Differential Output Voltage
250
350
450
mV
RL = 100Ω
ΔVOD
Change in Magnitude of VOD for Complimentary
-35
35
mV
Output States
VOS
Offset Voltage
1.05
1.2
1.375
V
RL = 100Ω
ΔVOS
Change in Magnitude of VOS for Complimentary
-35
35
mV
Output States
IOS
Output Short Circuit Current (4)
OUT to GND
-35
-55
mA
OUT to VCC
7
55
mA
COUT
Output Capacitance
Any LVDS Output Pin to GND
1.2
pF
ROUT
Output Termination Resistor
Between OUT+ and OUT-
100
Ω
SUPPLY CURRENT
ICC
Supply Current
PE = OFF, EQ = OFF
77
90
mA
ICCZ
Supply Current with Outputs Disabled
EN0 = EN1 = 0
23
29
mA
(1)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD and ΔVOD.
(3)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not guaranteed.
(4)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
4
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: DS25CP102


Similar Part No. - DS25CP102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
[Old version datasheet]   DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25CP102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q TI1-DS25CP102Q_13 Datasheet
1Mb / 22P
[Old version datasheet]   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_14 Datasheet
1Mb / 21P
[Old version datasheet]   DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q_09 Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102Q TI1-DS25CP102Q_14 Datasheet
1Mb / 23P
[Old version datasheet]   DS25CP102Q Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre- Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP104 NSC-DS25CP104_07 Datasheet
540Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A NSC-DS25CP104A Datasheet
600Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com