Electronic Components Datasheet Search |
|
FAR-C3CM-04000-J00-RR Datasheet(PDF) 4 Page - Fujitsu Component Limited. |
|
FAR-C3CM-04000-J00-RR Datasheet(HTML) 4 Page - Fujitsu Component Limited. |
4 / 9 page 4 FAR Family (C3 series M/N type) s PART NUMBERING SYSTEM (1) Series (2) Package type (3) Package size (4) Oscillation frequency Frequency is specified with 5-digit in kHz of unit. See “s Standard Frequency.” (5) Initial frequency deviation (6) Built-in capacitors Series Material Capacitators C3 LiTaO3 Built-in type Symbol Type CChip Symbol Size M4.5 × 10.0 × 2.0 mm (4.0 MHz to 5.9 MHz) N3.2 × 8.0 × 1.6 mm (6.0 MHz to 20.0 MHz) Frequency Symbol [Example] 8.000 MHz 08000 Symbol Deviation F +0.025% –0.035% G ±0.05% J ±0.1% K ±0.3% Symbol Capacitor 020 ±8 pF 110 ±4 pF FAR C (1) (2) —— — — C 3 (3) (4) (5) (6) (7) (8) (9) |
Similar Part No. - FAR-C3CM-04000-J00-RR |
|
Similar Description - FAR-C3CM-04000-J00-RR |