Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MB3516A Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part No. MB3516A
Description  RGB Encoder
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

 8 page
background image
MB3516A
8
s ELECTRICAL CHARACTERISTIC MEASUREMENT CIRCUIT DIAGRAM
SG1
SG2
SG3
SG4
SG5
SG6
GND2
R-OUT
G-OUT
B-OUT
VIDEO
-OUT
VCC2
Y-TRAP
Y-OUT
CROMA
-OUT
GND1
R-IN
G-IN
B-IN
fSC-IN
NTSC/PAL
-IN
VCC1
1
2
3
4
5
6
7
8
9
10
11
12
CSYNC
-IN
24
23
22
21
20
19
18
17
16
15
14
13
MB3516A
470
µF
150
R-OUT
470
µF
150
G-OUT
470
µF
150
B-OUT
470
µF
150
VIDEO
-OUT
470
µF
150
CROMA-OUT
470
µF
150
Y-OUT
VCC
= 5 V
0.1
µF
0.1
µF
0.1
µF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
AD722RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
MM1268RGB Encoder 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
CXA1645PRGB Encoder 1 2 3 4 5 MoreSony Corporation
CXA1145PRGB Encoder 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl