Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MB3516A Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part No. MB3516A
Description  RGB Encoder
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

 
 5 page
background image
MB3516A
5
s ABSOLUTE MAXIMUM RATINGS
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min.
Max.
Power supply voltage
VCC
7V
Digital signal input voltage
VID
0VCC
V
Subcarrier input voltage
Vfsc
0
VCC
V
Storage temperature
Tstg
−55
+125
°C
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Power supply voltage
VCC
4.75
5.00
5.25
V
Subcarrier input voltage
Vfsc
1.0
5.0
VP-P
RGB input voltage
VR, G, B
0
1.0
VP-P
Digital “L” level input voltage
VIL

0.8
V
Digital “H” level input voltage
VIH
2.0

V
Operating temperature
Ta
−20
+75
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
AD722RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
MM1268RGB Encoder 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
CXA1645PRGB Encoder 1 2 3 4 5 MoreSony Corporation
CXA1145PRGB Encoder 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl