Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6CE-1G8550-L2TB-V Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # FAR-F6CE-1G8550-L2TB-V
Description  Piezoelectric SAW BPF (700 to 1700 MHz)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6CE-1G8550-L2TB-V Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button FAR-F6CE-1G8550-L2TB-V Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F6CE-1G8550-L2TB-V Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F6CE-1G8550-L2TB-V Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F6CE-1G8550-L2TB-V Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F6CE-1G8550-L2TB-V Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F6CE-1G8550-L2TB-V Datasheet HTML 12Page - Fujitsu Component Limited. FAR-F6CE-1G8550-L2TB-V Datasheet HTML 13Page - Fujitsu Component Limited. FAR-F6CE-1G8550-L2TB-V Datasheet HTML 14Page - Fujitsu Component Limited. FAR-F6CE-1G8550-L2TB-V Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
F5/F6 Series (K2 type)
11
14. EGSM (Rx)
Part number : FAR-F5CE-942M50-K237
(Ta
= −30 °C to +85 °C)
15. PDC800 (Tx)
Part number : FAR-F5CE-950M00-K201
(Ta
= −30 °C to +85 °C)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
925 MHz to 960 MHz
2.5
3.0
dB
Ta
= +10 °C to +60 °C

3.5
dB
Ta
= −30 °C to +85 °C
Inband ripple
925 MHz to 960 MHz
1.3
1.9
dB
Absolute
attenuation
DC to 100 MHz
30
33
dB
100 MHz to 700 MHz
23
25
dB
700 MHz to 800 MHz
25
28
dB
800 MHz to 890 MHz
28
31
dB
890 MHz to 905 MHz
35
41
dB
905 MHz to 915 MHz
15
20
dB
Ta
= +25 °C ± 2 °C
11
20
dB
Ta
= +10 °C to +60 °C
710
dB
Ta
= −30 °C to +85 °C
980 MHz to 1000 MHz
20
33
dB
1000 MHz to 1200 MHz
30
32
dB
1200 MHz to 1550 MHz
30
35
dB
1550 MHz to 1950 MHz
25
31
dB
1950 MHz to 2800 MHz
20
27
dB
2800 MHz to 3000 MHz
15
23
dB
Inband VSWR
(Return loss)
925 MHz to 960 MHz
(6.5)
2.6
(7.0)
2.8
(
)
(dB)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
940 MHz to 960 MHz
3.0
3.5
dB
Inband ripple
940 MHz to 960 MHz
1.5
2.0
dB
Absolute
attenuation
DC to 680 MHz
30
36
dB
680 MHz to 696 MHz
33
37
dB
810 MHz to 830 MHz
35
40
dB
1015 MHz to 1106 MHz
40
44
dB
1106 MHz to 2000 MHz
30
37
dB
Inband VSWR
(Return loss)
940 MHz to 960 MHz
(7.4)
1.8
(10.9)
2.5
(
)
(dB)


Similar Part No. - FAR-F6CE-1G8550-L2TB-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6CE-1G8550-L2TB-V FUJITSU-FAR-F6CE-1G8550-L2TB-V Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
More results

Similar Description - FAR-F6CE-1G8550-L2TB-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com