Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15F78SPPFT Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB15F78SPPFT
Description  Dual Serial Input PLL Frequency Synthesizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F78SPPFT Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB15F78SPPFT Datasheet HTML 1Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 2Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 3Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 4Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 5Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 6Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 7Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 8Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DS04-21364-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP
Dual S
erial Input
PLL Frequency Synthesizer
MB15F78SP
s DESCRIPTION
The Fujitsu MB15F78SP is a serial input Phase Locked Loop (PLL) frequency synthesizer with a 2550 MHz pres-
caler and a 1200 MHz prescaler. A 32/33 or a 64/65 for the 2550 MHz prescaler, and a 16/17 or a 32/33 for the 1200
MHz prescaler can be selected for the prescaler that enables pulse swallow operation.
The BiCMOS process is used , as a result a supply current is typically 5.5 mA at 2.7 V. The supply voltage range
is from 2.4 V to 3.6 V. A refined charge pump supplies well-balanced output current with 1.5 mA and 6 mA select-
able by serial data.
The new package (BCC20) decreases an area of MB15F78SP more than 30 % comparing with the former BCC16
(for dual PLL).
MB15F78SP is ideally suited for wireless mobile communications, such as GSM.
s FEATURES
• High frequency operatio
: RX synthesizer : 2550 MHz max
: TX synthesizer : 1200 MHz max
• Low power supply voltage
: VCC = 2.4 to 3.6 V
• Ultra Low power supply current : ICC = 5.5 mA typ.
(VCC = Vp = 2.7 V, Ta = +25
°C, SWTX = SWRX = 0, in TX/RX locking state)
• Direct power saving function
: Power supply current in power saving mode
Typ. 0.1
µA (VCC = Vp = 2.7 V, Ta = +25°C), Max. 10 µA (VCC = Vp = 2.7 V)
• Software selectable charge pump current: 1.5 mA/6.0 mA typ.
(Continued)
s PACKAGES
20-pin plastic TSSOP
(FPT-20P-M06)
20-pad plastic BCC
(LCC-20P-M04)


Similar Part No. - MB15F78SPPFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F78UL FUJITSU-MB15F78UL Datasheet
270Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F78ULPFT FUJITSU-MB15F78ULPFT Datasheet
270Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F78ULPVA FUJITSU-MB15F78ULPVA Datasheet
270Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F78SPPFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com