Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR8001-EV Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # DR8001-EV
Description  868.35 MHz Transceiver Evaluation Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DR8001-EV Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  DR8001-EV Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
868.35 MHz
Transceiver Module
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 7 of 8
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR8001EV-071107
4.8kbps Application Circuit
4.8kbps Application Circuit
4.8kbps Application Circuit
4.8kbps Application Circuit
19.2kbps Application Circuit
Sample Set Ups
1=’Pull High’ 0=’Pull Low’
*After data is received, reset this pin to ‘0’ then set back to ‘1’ to re-enable Start Vector recognition.
Command
TX/RX
(pin 8)
ASK/OOK
(pin 9)
SLEEP
(pin 10)
SVEN
(pin 11)
DSSS
(pin 12)
ISS
(pin 13)
4.8/19.2
(pin 14)
3G SEL
(pin 15)
Receive OOK 4.8kbps
0
0
0
00
011
Receive ASK 4.8kbps
0
1
0
0
0
0
1
1
Receive ASK 19.2kbps (add ext 243K
Resistor on pin 7)
0
1
0
00
001
Receive ASK 4.8kbps w/ Start Vector and
Clock Recovery
010
1*
0
0
1
1
TX OOK
1
0
0
00
001
Sleep
0
0
1
00
000


Similar Part No. - DR8001-EV

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR8001-DK MURATA-DR8001-DK Datasheet
43Kb / 1P
   868.35 MHz Development Kit
More results

Similar Description - DR8001-EV

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR3001 MURATA-DR3001 Datasheet
294Kb / 5P
   868.35 MHz Transceiver Module
DR8001 MURATA-DR8001 Datasheet
401Kb / 8P
   868.35 MHz Transceiver Module
logo
RF Monolithics, Inc
DR3001 RFM-DR3001 Datasheet
67Kb / 5P
   868.35 MHz Transceiver Module
TR1001 RFM-TR1001 Datasheet
85Kb / 12P
   868.35 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR8001 MURATA-TR8001 Datasheet
449Kb / 15P
   868.35 MHz Hybrid Transceiver
TR1001 MURATA-TR1001 Datasheet
235Kb / 12P
   868.35 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR8001 RFM-TR8001 Datasheet
148Kb / 14P
   868.35 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
DR7001-EV MURATA-DR7001-EV Datasheet
206Kb / 8P
   315.00 MHz Transceiver Evaluation Module
DR8000-EV MURATA-DR8000-EV Datasheet
203Kb / 8P
   916.50 MHz Transceiver Evaluation Module
DR7000-EV MURATA-DR7000-EV Datasheet
202Kb / 8P
   433.92 MHz Transceiver Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com