Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR8001-EV Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # DR8001-EV
Description  868.35 MHz Transceiver Evaluation Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DR8001-EV Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  DR8001-EV Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DR8001-EV Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
868.35 MHz
Transceiver Module
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 5 of 8
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR8001EV-071107
J2 Header
J5 Header
Theory of Operation
The DR8001-EV evaluation module is centered around the TR8001 ASH Transceiver. The DR8001-EV may operate in
backward compatible 2G mode, or in the enhanced 3G mode. Since 3G mode requires the use of a serial I/O port to configure
internal registers, the module includes an on-board Silicon Labs C8051F330 microcontroller to control access to the serial
port. When 2G mode is enabled the microcontroller serves no function. When 3G mode is enabled the microcontroller
constantly scans pins 8-15 for a change of logic state. When a state change is detected on one or more of these pins, the
microcontroller automatically updates the internal configuration registers via the serial port of the TR8001. The microcontroller
assumes full control of the CFG pin, CFGCLK pin, and CFGDAT pin in 3G mode to continuously update the internal registers.
The DR8001-EV module is designed to demonstrate the performance of the TR8001 ASH Transceiver at 4.8kbps, although
other data rates are possible with changes in on-board component values. See pin descriptions and refer to the TR8001
datasheet.
The DR8001-EV module may be mounted on a prototype assembly using standard 0.1” spacing, 10-pin headers spaced 0.9”
apart.
2G Mode Operation
The DR8001-EV may operate in 2G mode. See pin 15 description and Power-up Mode Select (J2) section for mode select
details. In 2G mode, the CFGCLK pin (18) and CFGDAT pin (17) operate as CTRL0 and CTRL1, respectively, just as for
second-generation devices. The CFGCLK and CFGDAT pins are a high impedance input allowing external control for 2G
configuration. The logic levels on CFGCLK (CTRL0) and CFGDAT (CTRL1) control the default 2G operation as shown
below:
CFGCLK (CNTRL0)
CFGDAT (CNTRL1)
MODE
0
0
SLEEP
10
TX OOK
0
1
TX ASK
11
RX
Current Consumption Monitor (J5)
The current consumption of the TR8001 device may be monitored by removing J5 and connecting an ammeter across the terminals. When
J5 is removed it isolates the TR8001 from VCC powering the on-board processor to give a true reading of the current consumption of only
the TR8001 without the additional current usage of the processor. J5 must be installed to power the TR8001 if not using the header for current
measurement.


Similar Part No. - DR8001-EV

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR8001-DK MURATA-DR8001-DK Datasheet
43Kb / 1P
   868.35 MHz Development Kit
More results

Similar Description - DR8001-EV

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR3001 MURATA-DR3001 Datasheet
294Kb / 5P
   868.35 MHz Transceiver Module
DR8001 MURATA-DR8001 Datasheet
401Kb / 8P
   868.35 MHz Transceiver Module
logo
RF Monolithics, Inc
DR3001 RFM-DR3001 Datasheet
67Kb / 5P
   868.35 MHz Transceiver Module
TR1001 RFM-TR1001 Datasheet
85Kb / 12P
   868.35 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR8001 MURATA-TR8001 Datasheet
449Kb / 15P
   868.35 MHz Hybrid Transceiver
TR1001 MURATA-TR1001 Datasheet
235Kb / 12P
   868.35 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR8001 RFM-TR8001 Datasheet
148Kb / 14P
   868.35 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
DR7001-EV MURATA-DR7001-EV Datasheet
206Kb / 8P
   315.00 MHz Transceiver Evaluation Module
DR8000-EV MURATA-DR8000-EV Datasheet
203Kb / 8P
   916.50 MHz Transceiver Evaluation Module
DR7000-EV MURATA-DR7000-EV Datasheet
202Kb / 8P
   433.92 MHz Transceiver Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com