Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR8001 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # DR8001
Description  868.35 MHz Transceiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DR8001 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  DR8001 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DR8001 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DR8001 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DR8001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DR8001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DR8001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DR8001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DR8001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
868.35 MHz
Transceiver Module
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 6 of 8
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR8001-071107
Power-up Mode Select (J2)
J2 is used to select the operating mode of the TR8001 device only at power-up. The state of J2 when VCC is applied will determine whether
the board operates in 2G mode or 3G mode. Pin 2 (center pin) of J2 is connected to Pin 19 (CFG) of the TR8001 device and is grounded
for 2G mode and functions as the chip select line for the serial interface in 3G mode. Installing the jumper will either connect the CFG pin
of the TR8001 to GND or directly to the processor for control in 3G mode. See the table below for power-up jumper settings.
After power-up if 3G mode is selected, pin 15 (3G Sel) must be pulled ‘High’ to initiate the processor to operate in 3G mode. Failure to pull
pin 15 ‘High’ after power-up will cause the processor to remain inactive.
J4
Programming Header (J4)
The programming header allows for custom firmware development for the Silicon Labs C8051F330 if desired. Contact RFM
for more information about custom firmware development.
Setting
Power-up Mode
Pin 19
J2(1-2)
2G
Connected to GND
J2(2-3)
3G
Connected to Processor


Similar Part No. - DR8001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR8001-DK MURATA-DR8001-DK Datasheet
43Kb / 1P
   868.35 MHz Development Kit
DR8001-EV MURATA-DR8001-EV Datasheet
203Kb / 8P
   868.35 MHz Transceiver Evaluation Module
More results

Similar Description - DR8001

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR3001 MURATA-DR3001 Datasheet
294Kb / 5P
   868.35 MHz Transceiver Module
logo
RF Monolithics, Inc
DR3001 RFM-DR3001 Datasheet
67Kb / 5P
   868.35 MHz Transceiver Module
logo
Murata Manufacturing Co...
DR8001-EV MURATA-DR8001-EV Datasheet
203Kb / 8P
   868.35 MHz Transceiver Evaluation Module
logo
RF Monolithics, Inc
TR1001 RFM-TR1001 Datasheet
85Kb / 12P
   868.35 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR8001 MURATA-TR8001 Datasheet
449Kb / 15P
   868.35 MHz Hybrid Transceiver
TR1001 MURATA-TR1001 Datasheet
235Kb / 12P
   868.35 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR8001 RFM-TR8001 Datasheet
148Kb / 14P
   868.35 MHz Hybrid Transceiver
DR5001 RFM-DR5001 Datasheet
118Kb / 4P
   868.35 MHz Receiver Module
logo
Murata Manufacturing Co...
DR4001 MURATA-DR4001 Datasheet
275Kb / 2P
   868.35 MHz Transmitter Module
DR5001 MURATA-DR5001 Datasheet
288Kb / 4P
   868.35 MHz Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com