Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1120 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1120
Description  High-Performance RF Transceiver for Narrowband Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1120 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1120_14 Datasheet HTML 4Page - Texas Instruments CC1120_14 Datasheet HTML 5Page - Texas Instruments CC1120_14 Datasheet HTML 6Page - Texas Instruments CC1120_14 Datasheet HTML 7Page - Texas Instruments CC1120_14 Datasheet HTML 8Page - Texas Instruments CC1120_14 Datasheet HTML 9Page - Texas Instruments CC1120_14 Datasheet HTML 10Page - Texas Instruments CC1120_14 Datasheet HTML 11Page - Texas Instruments CC1120_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
CC1120
SWRS112F – JUNE 2011 – REVISED APRIL 2014
www.ti.com
4.6
Regulatory Standards
Performance Mode
Frequency Band
Suitable for compliance with
Comments
ARIB T-96
Performance also suitable
ARIB T-108
for systems targeting
ETSI EN 300 220 category 2
maximum allowed output
ETSI EN 54-25
power in the respective
FCC PART 101
bands, using a range
820–960 MHz
FCC PART 24 SUBMASK D
extender such as the
FCC PART 15.247
CC1190 device
FCC PART 15.249
FCC PART 90 MASK G
FCC PART 90 MASK J
ARIB T-67
Performance also suitable
High-performance mode
ARIB RCR STD-30
for systems targeting
ETSI EN 300 220 category 1
maximum allowed output
410–480 MHz
FCC PART 90 MASK D
power in the respective
FCC PART 90 MASK G
bands, using a range
extender
ETSI EN 300 220 category 1
Performance also suitable
FCC PART 90 MASK D
for systems targeting
maximum allowed output
164–192 MHz
power in the respective
bands, using a range
extender
ETSI EN 300 220 category 2
820–960 MHz
FCC PART 15.247
FCC PART 15.249
Low-power mode
410–480 MHz
ETSI EN 300 220 category 2
164–192 MHz
ETSI EN 300 220 category 2
4.7
Current Consumption, Static Modes
TA = 25°C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
0.12
1
µA
Power down with retention
0.5
µA
Low-power RC oscillator running
Crystal oscillator / TCXO
XOFF mode
170
µA
disabled
Clock running, system waiting
IDLE mode
1.3
mA
with no radio activity
8
Specifications
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1120


Similar Part No. - CC1120_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1120 TI-CC1120_12 Datasheet
919Kb / 31P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120_15 Datasheet
1Mb / 37P
[Old version datasheet]   CC1120 High-Performance RF Transceiver for Narrowband Systems
More results

Similar Description - CC1120_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1120RHBR TI-CC1120RHBR Datasheet
1Mb / 35P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120 Datasheet
967Kb / 30P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120_12 Datasheet
919Kb / 31P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120_15 Datasheet
1Mb / 37P
[Old version datasheet]   CC1120 High-Performance RF Transceiver for Narrowband Systems
CC1175RHBR TI-CC1175RHBR Datasheet
1Mb / 27P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1175 TI-CC1175 Datasheet
875Kb / 22P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com