Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24140 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24140
Description  Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24140 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24140_14 Datasheet HTML 5Page - Texas Instruments BQ24140_14 Datasheet HTML 6Page - Texas Instruments BQ24140_14 Datasheet HTML 7Page - Texas Instruments BQ24140_14 Datasheet HTML 8Page - Texas Instruments BQ24140_14 Datasheet HTML 9Page - Texas Instruments BQ24140_14 Datasheet HTML 10Page - Texas Instruments BQ24140_14 Datasheet HTML 11Page - Texas Instruments BQ24140_14 Datasheet HTML 12Page - Texas Instruments BQ24140_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Charge
Pump
Charge
Pump
PWM Controller
CBC Current
Limit
CBC Current
Limit
OSC
VREF
VREF
+
-
+
-
VBUS_DPM
Charge Control,
Timer and Display
Logic
+
-
IBUS_LIM
+
-
VIN_DPM
+
-
IIN_LIM
+
-
+
-
-
+
-
TREG
TJ
VOREG
ICHG
CSIN
VBAT
+
-
+
-
+
-
+
-
+
-
+
-
+
-
VBUS
VBUS UVLO
VIN
VIN UVLO
VBUS
VBUS OVP
VIN
VIN OVP
TJ
TSHTDWN
VBAT
VBAT OVP
VBAT
VOREG - VRCH
+
-
VBUS
VBAT
VIN
VBAT
SW2
SW2
SW1
SW1
VBUS
VBUS
PMID1
PMID1
VIN
VIN
PMID2
PMID2
GND
GND
GND
GND
GND
I2C Control
SDA
SCL
SLRST
OTG
DIS
STAT
+
-
-
VCSIN
VBAT
ITERM
Recharge
Recharge
Termination
Sleep VIN
Sleep VBUS
BAT OVP
TSHUT
VIN OVP
VBUS OVP
VIN UVLO
VBUS UVLO
+
-
VBUS
VBUS MIN
PWM Charge
VBUS Poor
Source
+
-
VIN
VIN MIN
VIN Poor
Source
+
-
VBAT
VSHORT
Ref & Bias
VREF
BOOT1
BOOT
PMID1
PMID2
VBAT
VREF
ISHORT
Linear Chg
PWM Charge
LED
LED
PMID2
2.5V, 10mA (back
to back switches)
VREG
Q2
Q3
Q4
Q5
Q6
Q1
bq24140
www.ti.com
SLUSAO5
– OCTOBER 2011
VIN=5V or VBUS=5V, ICHARGE = 1550mA, VBAT = 3.5--4.44V (Adjustable), Safety Timer = 15 minutes or 32 seconds
BLOCK DIAGRAM
Figure 2. bq24140 Block Diagram
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24140


Similar Part No. - BQ24140_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24140_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com