Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7225 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7225
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7225 Datasheet(HTML) 2 Page - Texas Instruments

  AFE7225 Datasheet HTML 1Page - Texas Instruments AFE7225 Datasheet HTML 2Page - Texas Instruments AFE7225 Datasheet HTML 3Page - Texas Instruments AFE7225 Datasheet HTML 4Page - Texas Instruments AFE7225 Datasheet HTML 5Page - Texas Instruments AFE7225 Datasheet HTML 6Page - Texas Instruments AFE7225 Datasheet HTML 7Page - Texas Instruments AFE7225 Datasheet HTML 8Page - Texas Instruments AFE7225 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
2-1
MUX
SPI Interface, Registers and Control
RX RMS /
Peak
Power Meter
Clock
Divide/Multiply
INP_A_ADC
12b
RX ADC B
12b
TX DAC A
12b
TX DAC B
IOUTP_A_DAC
Internal
Reference
12b Aux DAC
SYNC
SYNC
SYNC
SYNC
SYNC
SYNC
12b
RX ADC A
INN_A_ADC
INP_B_ADC
INN_B_ADC
CLKINP
CLKINN
IOUTN_A_DAC
IOUTP_B_DAC
IOUTN_B_DAC
AUXDAC_A
VCM
AVDD3_DAC = 3 V
12b Aux DAC
12b Aux ADC
AUXDAC_B
AUXADC_A
AUXADC_B
PDN
SYNC
SEN
SCLK
SDATA
SDOUT
BIASJ
RESET
DVDD18_DAC = 1.8 V
AVDD18_ADC = 1.8 V
DVDD18 = 1.8 V
AVDD3_AUX = 3 V
DVDD18_CLK = 1.8 V
SYNC
SYNC
SYNC
SYNC
SYNC
12-Bit ADC
Outputs
12-Bit DAC
Inputs
ADC CLK
DAC CLK
SYNC
NCO
SYNC
NCO
SYNC
Thermal Pad = Ground
SYNC
AFE7222
AFE7225
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1.4
DETAILED BLOCK DIAGRAM
Figure 1-1. Block Diagram of AFE7222/AFE7225
2
INTRODUCTION
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AFE7222 AFE7225


Similar Part No. - AFE7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7225 TI1-AFE7225 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7225IRGC25 TI1-AFE7225IRGC25 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7225IRGCR TI1-AFE7225IRGCR Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7225IRGCT TI1-AFE7225IRGCT Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com