Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7222 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7222
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7222 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE7222 Datasheet HTML 2Page - Texas Instruments AFE7222 Datasheet HTML 3Page - Texas Instruments AFE7222 Datasheet HTML 4Page - Texas Instruments AFE7222 Datasheet HTML 5Page - Texas Instruments AFE7222 Datasheet HTML 6Page - Texas Instruments AFE7222 Datasheet HTML 7Page - Texas Instruments AFE7222 Datasheet HTML 8Page - Texas Instruments AFE7222 Datasheet HTML 9Page - Texas Instruments AFE7222 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
INP_A_ADC
INN_A_ADC
CLKINP
DVDD18_CLK
1
2
3
4
5
6
7
9
10
8
11
12
13
14
15
16
17 18 19 20 21 22 23 24
36
35
34
33
32
31
30
29
28
27
26
25
48
47
46
45
44
43
42
41
40
39
38
37
63 62 61 60 59 58 57 56
49
50
52
53
54
55
51
64
QFN
AVDD18_ADC
DACB_DATA_1N
DACB_DATA_1P
INP_B_ADC
INN_B_ADC
NC
ADC_FCLKOUTN
ADCB_DATA_0P
ADCB_DATA_0N
DVDD18
ADC_FCLKOUTP
DACB_DATA_0P
DAC_DCLKINN
ADCB_DATA_1P
ADCB_DATA_1N
SYNCINN
SYNCINP
AVDD18_ADC
IOUTP_A_DAC
IOUTN_A_DAC
IOUTP_B_DAC
IOUTN_B_DAC
AVDD3_DAC
AVDD18_ADC
CLKINN
DACB_DATA_0N
Thermal pad connected to ground
DAC_DCLKINP
AVDD3_DAC
64-QFN
RGC Package
(Top View)
AFE7222
AFE7225
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
2.3
DEVICE PINOUT, LVDS INPUT/OUTPUT MODE
Figure 2-2. Device Pinout, LVDS Input/Output Mode
Table 2-2. Pin Configuration: LVDS Input/Output Mode
PIN
DESCRIPTION
NO.
NAME
1
AVDD18_ADC
1.8V supply for RX ADCs
2
INN_B_ADC
RX ADC channel B analog input, negative
3
INP_B_ADC
RX ADC channel B analog input, positive
4
AVDD18_ADC
1.8V supply for RX ADCs
5
INN_A_ADC
RX ADC channel A analog input, negative
6
INP_A_ADC
RX ADC channel A analog input, positive
7
AVDD18_ADC
1.8V supply for RX ADCs
8
CLKINN
main clock input, negative side if differential mode, TX side if single-ended 2 clock mode
6
DEVICE INFORMATION
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AFE7222 AFE7225


Similar Part No. - AFE7222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222IRGC25 TI1-AFE7222IRGC25 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222IRGCR TI1-AFE7222IRGCR Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222IRGCT TI1-AFE7222IRGCT Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com