Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MMBT2222A
Description  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBT2222A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MMBT2222A Datasheet HTML 1Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 2Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 3Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 4Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
PN2222A / MMBT2222A / PZT2222A Rev. A3
4
Typical Performance Characteristics
(Continued)
Figure 7. Turn On and Turn Off Times
vs Collector Current
Figure 8. Switching Times vs Collector Current
Figure 9. Power Dissipation vs
Ambient Temperature
Figure 10. Common Emitter Characteristics
Figure 11. Common Emitter Characteristics
Figure 12. Common Emitter Characteristics
Turn On and Turn Off Times
vs Collector Current
10
100
1000
0
80
160
240
320
400
I
- COLLECTOR CURRENT (mA)
I
= I
=
t on
t off
B1
C
B2
I c
10
V
= 25 V
cc
IC
Switching Times
vs Collector Current
10
100
1000
0
80
160
240
320
400
I
- COLLECTOR CURRENT (mA)
I
= I
=
t r
t s
B1
C
B2
I c
10
V
= 25 V
cc
t f
t d
IC
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
TO-92
SOT-23
Common Emitter Characteristics
0
102030405060
0
2
4
6
8
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
T
= 25 C
A
o
hoe
h re
h fe
h ie
Common Emitter Characteristics
0
204060
80
100
0
0.4
0.8
1.2
1.6
2
2.4
T - AMBIENT TEMPERATURE ( C)
V
= 10 V
CE
A
I = 10 mA
C
hoe
hre
hfe
h ie
o
Common Emitter Characteristics
0
5
10
15
20
25
30
35
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
V
- COLLECTOR VOLTAGE (V)
CE
T
= 25 C
A
o
hoe
h re
h fe
h ie
I = 10 mA
C


Similar Part No. - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MMBT2222A TI1-MMBT2222A Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
NXP Semiconductors
MMBT2222A PHILIPS-MMBT2222A Datasheet
47Kb / 8P
   NPN switching transistor
2000 Apr 11
logo
SHIKUES Electronics
MMBT2222A SKTECHNOLGY-MMBT2222A Datasheet
677Kb / 3P
   TRANSISTOR (NPN)
logo
Bruckewell Technology L...
MMBT2222A BWTECH-MMBT2222A Datasheet
423Kb / 5P
   NPN General Purpose Amplifier
logo
Weitron Technology
MMBT2222A WEITRON-MMBT2222A Datasheet
367Kb / 6P
   NPN General Purpose Transistors
More results

Similar Description - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com