Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMR03 Datasheet(PDF) 1 Page - Rohm

Part # PMR03
Description  Ultra-low Ohmic Chip Resistors for Current Detection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PMR03 Datasheet(HTML) 1 Page - Rohm

  PMR03 Datasheet HTML 1Page - Rohm PMR03 Datasheet HTML 2Page - Rohm PMR03 Datasheet HTML 3Page - Rohm PMR03 Datasheet HTML 4Page - Rohm PMR03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
Ultra-low Ohmic Chip Resistors for Current Detection
PMR Series
www.rohm.com
c
2014 ROHM Co., Ltd. All rights reserved.
2014.06 - Rev.D
Datasheet
Features
1)
Ultra low-ohmic resistance range (1m
 ~ )
2)
Improved current detection accuracy by trimming-less structure.
3)
Special low resistance temperature coefficient.
4)
The unique chip structure minimizes thermal stress during temperature cycling,
resulting in greater reliability.
5)
ROHM resistors have obtained ISO9001 / ISO / TS16949 certification.
6)
Corresponds to AEC-Q200. (PMR50 / 100)
Products List
Operating
Temperature
Range
(
°C)
Rated Power
(70
°C)
(W)
PMR006
0603
0.1
1608
3216
5025
PMR03
PMR18
PMR50
0.25
1
1
−55 to +155
PMR01
1005
0.2
3225
PMR25
1
2012
PMR10
0.5
6432
0201
0603
1206
2010
0402
1210
0805
2512
PMR100
2
: Under development
∗ : ± 150ppm / °C (1mΩ, 2mΩ Only)
Design and specifications are subject to change without notice.
Carefully check the specification sheet supplied with the product before using or ordering it.
Temperature
Coefficient
(ppm /
°C)
Resistance
Tolerance
(%)
J(
±5%)
0 to 300
J(
±5%)
0 to 200
F(
±1%)
J(
±5%)
0 to 150
F(
±1%)
J(
±5%)
±100
F(
±1%)
J(
±5%)
±100
G(
±2%)
F(
±1%)
J(
±5%)
±150
F(
±1%)
J(
±5%)
±100
F(
±1%)
J(
±5%)
±100
Resistance Range
10m
Ω
10m
Ω
10m
Ω
2,3,4,5,6,7,8,9,10m
Ω
1,2,3,4,5,6,7,8,9,10m
Ω
1,2,3,4,5m
Ω
1,2,3,4,5,6,7,8,9,10m
Ω
1,2,3,4,5,6,7,8,9,10m
Ω
Size
(mm)
(inch)
Part No.
Part Number Description
Special
part code
Resistance
Tolerance
PMR
(Ultra-low Ohmic Chip Resistors
for Current Detection)
J
F,G
Resistance Tolerance
Resistance
Value(
Ω)
1L0
1L00
006 (0603
[0201])
01 (1005
[0402])
03 (1608
[0603])
10 (2012
[0805])
18 (3216
[1206])
25 (3225
[1210])
50 (5025
[2010])
100 (6432
[2512])
U : 5 to 10m
Ω
V : 1 to 4m
Ω
2 5
HP
Z
M
PR
VL
2
0
F (
±1% )
G (
±2% )
J (
±5% )
J
Paper tape
(4mm Pitch)
EZP
PMR18
5,000
Paper tape
(4mm Pitch)
EZP
PMR10
5,000
Paper tape
(4mm Pitch)
EZP
PMR03
5,000
Paper tape
(2mm Pitch)
MZP
PMR01
10,000
Paper tape
(2mm Pitch)
YZP
PMR006
15,000
Embossed tape
(4mm Pitch)
HZP
PMR25
2,000
Embossed tape
(4mm Pitch)
HZP
PMR50
2,000
Embossed tape
(4mm Pitch)
HZP
PMR100
2,000
1m
Ω
2L0
2L00
2m
Ω
3L0
3L00
3m
Ω
4L0
4L00
4m
Ω
5L0
5L00
5m
Ω
6L0
6L00
6m
Ω
7L0
7L00
7m
Ω
8L0
8L00
8m
Ω
9L0
9L00
9m
Ω
10L
10L0
10m
Ω
Part No.
Size (mm [inch])
Packaging specifications code
Packaging
specifications
Code
Part No.
Quantity
/ Reel
Resistance code,
3 or 4 digits.
Nominal Resistance


Similar Part No. - PMR03

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR03 ROHM-PMR03 Datasheet
115Kb / 3P
   Ultra low ohmic resistors for current detection
PMR03 ROHM-PMR03 Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
PMR03EZPFU10L ROHM-PMR03EZPFU10L Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
PMR03EZPFU10L0 ROHM-PMR03EZPFU10L0 Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
PMR03EZPJ ROHM-PMR03EZPJ Datasheet
994Kb / 8P
   Ultra-low ohmic jumper chip resistors
More results

Similar Description - PMR03

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR18 ROHM-PMR18 Datasheet
198Kb / 1P
   Ultra-low Ohmic Chip Resistors for Current Detection
PML ROHM-PML Datasheet
969Kb / 8P
   Ultra-low ohmic chip resistors for current detection
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
   Ultra low ohmic resistors for current detection
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
   Ultra-Low Ohmic Resistors for Current Detection
PMR03 ROHM-PMR03 Datasheet
115Kb / 3P
   Ultra low ohmic resistors for current detection
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
   Ultra low ohmic resistors for current detection
PMR100HZPFU6L00 ROHM-PMR100HZPFU6L00 Datasheet
83Kb / 3P
   Ultra-low Ohmic Resistors for Current Detection
PMR100-SERIES ROHM-PMR100-SERIES Datasheet
83Kb / 3P
   Ultra-low Ohmic Resistors for Current Detection
PMR03 ROHM-PMR03_11 Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
PMR18 ROHM-PMR18_11 Datasheet
151Kb / 4P
   Ultra-Low Ohmic Resistors for Current Detection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com