Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15F03SLPV1 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB15F03SLPV1
Description  Dual Serial Input PLL Frequency Synthesizer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F03SLPV1 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB15F03SLPV1 Datasheet HTML 4Page - Fujitsu Component Limited. MB15F03SLPV1 Datasheet HTML 5Page - Fujitsu Component Limited. MB15F03SLPV1 Datasheet HTML 6Page - Fujitsu Component Limited. MB15F03SLPV1 Datasheet HTML 7Page - Fujitsu Component Limited. MB15F03SLPV1 Datasheet HTML 8Page - Fujitsu Component Limited. MB15F03SLPV1 Datasheet HTML 9Page - Fujitsu Component Limited. MB15F03SLPV1 Datasheet HTML 10Page - Fujitsu Component Limited. MB15F03SLPV1 Datasheet HTML 11Page - Fujitsu Component Limited. MB15F03SLPV1 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
MB15F03SL
s FUNCTIONAL DESCRIPTION
The divide ratio can be calculated using the following equation:
fVCO = [(M
× N) + A] × fOSC ÷ R (A < N)
fVCO
: Output frequency of external voltage controlled oscillator (VCO)
M
: Preset divide ratio of dual modulus prescaler (8or 16 for IF-PLL, 64 or 128 for RF-PLL)
N
: Preset divide ratio of binary 11-bit programmable counter (3 to 2,047)
A
: Preset divide ratio of binary 7-bit swallow counter (0
≤ A ≤ 127)
fOSC
: Reference oscillation frequency
R
: Preset divide ratio of binary 14-bit programmable reference counter (3 to 16,383)
Serial Data Input
Serial data is entered using three pins, Data pin, Clock pin, and LE pin. Programmable dividers of IF/RF-PLL
sections, programmable reference dividers of IF/RF-PLL sections are controlled individually.
Serial data of binary data is entered through Data pin.
On rising edge of Clock, one bit of serial data is transferred into the shift register. When the LE signal is taken high,
the data stored in the shift register is transferred to one of latch of them depending upon the control bit data setting.
Table.1 Control Bit
Shift Register Configuration
Control bit
Destination of serial data
CN1
CN2
L
L
The programmable reference counter for the IF-PLL
H
L
The programmable reference counter for the RF-PLL
L
H
The programmable counter and the swallow counter for the IF-PLL
H
H
The programmable counter and the swallow counter for the RF-PLL
Programmable Reference Counter
MSB
Data Flow
CN1,2
: Control bit
[Table. 1]
R1 to R14
: Divide ratio setting bit for the programmable reference counter (5 to 16,383)[Table. 2]
T1, 2
: Test purpose bit
[Table. 3]
CS
: Charge pump currnet select bit
[Table. 9]
X
: Dummy bits (Set “0” or “1”)
NOTE: Data input with MSB first.
123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
C
N
1
C
N
2
T
1
T
2
R
1
R
2
R
3
R
4
R
5
R
6
R
7
R
8
R
9
R
10
R
11
R
12
R
13
R
14
C
S
XXXX
LSB


Similar Part No. - MB15F03SLPV1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03LPFV FUJITSU-MB15F03LPFV Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03LPV FUJITSU-MB15F03LPV Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03PFV FUJITSU-MB15F03PFV Datasheet
192Kb / 22P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F03SLPV1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com