Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

144944 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 144944
Description  TMC-S 9-EESV-3,0-6,3-BA8-ZV
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

144944 Datasheet(HTML) 1 Page - ERNI Electronics

  144944 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
7 x 36 =252
prior notice.
contact one of the ERNI companies
Date
02.05.2012
e
Index
TMCS
TMC-S 9-EESV-3,0-6,3-type 8-ZV
TMC-S 9-EESV-3,0-6,3-BA8-ZV
144944
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Bolzen
thread
Mutter
remark
Bemerkung
bolt
Ident.-Nr.
part-no.
ohne
without
204289
Ø
3,5
204290
#4-40
204291
M3
214588
#4-40-M3
204292
#4-40
204293
M3
bolt
Bolzen /
Gewinde /
thread
M3 / #4-40
3,7
Verpackt in Tray
Verpackungseinheit 48 St.
packaging unit 48 pcs
tray packaging
Pin 1
Sonstige Angaben siehe Zeichnung 204628 /
Additional indications according to drawing 204628
max. 325
M 1:1
Pin 1
Bolzen /
bolt
Gewinde / thread
3,7
terminal area tin plating
ohne /
Anschlussbereich verzinnt
without
Ø
3,5
Anforderungsstufe: 2
class: 2
Durchgangsloch Ø3,5
through hole
M3 - #4-40
#4-40 - M3
+0,2
-0,4
25 ±0,1
31
16,4 -0,2
thread
Mutter /
Gewinde /
thread
M3 / #4-40
Leiterplattte
PCB
0,6
B
re c o mmen d ed
la y o u t:
Lochaufbau siehe ERNI - Spezifikation 164062 /
hole design according to ERNI - specification 164062
Fehlende Masse und Angaben siehe DIN 41652 /
Additional indications according to the production documentation
Sonstige Angaben siehe Fertigungsunterlagen /
0,1
9 x
0,1 A
L a yo u tvo rs ch la g:
A
Missing information and dimensions according to DIN 41652
0,05
B
±0,05
25
2,74
1,37
2,74
8,22
3 x 2,74 =
10,96
1
4 x 2,74 =
-0,06
+0,09


Similar Part No. - 144944

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
144940 ERNI-144940 Datasheet
86Kb / 1P
   TMC-S 15-EE-3,0-9,0-BA8
144941 ERNI-144941 Datasheet
92Kb / 1P
   TMC-S 25-EE-3,0-9,0-BA8
144942 ERNI-144942 Datasheet
98Kb / 1P
   TMC-S 37-EE-3,0-9,0-BA8
144943 ERNI-144943 Datasheet
68Kb / 1P
   TMC-P 9-EESV-3,0-6,3-BA8
144945 ERNI-144945 Datasheet
71Kb / 1P
   TMC-P 15-EESV-3,0-6,3-BA8
More results

Similar Description - 144944

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
144948 ERNI-144948 Datasheet
92Kb / 1P
   TMC-S 25-EESV-3,0-6,3-BA8-ZV
144950 ERNI-144950 Datasheet
95Kb / 1P
   TMC-S 37-EESV-3,0-6,3-BA8-ZV
144946 ERNI-144946 Datasheet
82Kb / 1P
   TMC-S 15-EESV-3,0-6,3-BA8-ZV
144943 ERNI-144943 Datasheet
68Kb / 1P
   TMC-P 9-EESV-3,0-6,3-BA8
144947 ERNI-144947 Datasheet
68Kb / 1P
   TMC-P 25-EESV-3,0-6,3-BA8
144945 ERNI-144945 Datasheet
71Kb / 1P
   TMC-P 15-EESV-3,0-6,3-BA8
144949 ERNI-144949 Datasheet
72Kb / 1P
   TMC-P 37-EESV-3,0-6,3-BA8
224995 ERNI-224995 Datasheet
61Kb / 1P
   TMC-S 9-TLCL-2,7-6,3 BA8-ZV
100100160002 ERNI-100100160002 Datasheet
52Kb / 1P
   TMC-S 9-THR-2,7-6,3-BA8-ZV
logo
List of Unclassifed Man...
204320 ETC2-204320 Datasheet
71Kb / 1P
   TMC-P 15-EESV-3,0-6,3 BA8 TMC-P 15-EESV-3,0-6.3-type 8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com