Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-M2SC-13M500-D113 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FAR-M2SC-13M500-D113
Description  Piezo Electric VCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-M2SC-13M500-D113 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FAR-M2SC-13M500-D113 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-M2SC-13M500-D113 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-M2SC-13M500-D113 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-M2SC-13M500-D113 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-M2SC-13M500-D113 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-M2SC-13M500-D113 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
M2 Series (D110)
s TERMINAL ASSIGNMENT
s MAXIMUM RATINGS
s RECOMMENDED OPERATING CONDITIONS
s STANDARD FREQUENCIES
Item
Symbol
Rated value
Unit
Power supply voltage
VCC
–0.5 ~ +7.0
V
Input control voltage
VIN
–0.5 ~ +10.0
Power consumption
PD
100
mW
Operating temperature
Ta
–10 ~ +70
°C
Storage temperature
Tstg
–30 ~ +100
Oscillation frequency range
4 ~ 30
MHz
Item
Symbol
Rated value
Unit
Power supply voltage
VCC
4.75 ~ 5.25
V
Input control voltage
VIN
0 ~ 5
Operating temperature
Ta
–10 ~ +60
°C
Frequencies
Uses
Part number
Frequencies
Uses
Part number
12.288 MHz
Audio
FAR-M2SC-12M288-D110
17.734 MHz
Video
FAR-M2SC-17M734-D110
13.500 MHz
Video
FAR-M2SC-13M500-D110
22.579 MHz
Audio
FAR-M2SC-22M579-D110
14.318 MHz
Video
FAR-M2SC-14M318-D110
24.576 MHz
Audio
FAR-M2SC-24M576-D110
16.934 MHz
Audio
FAR-M2SC-16M934-D110
28.636 MHz
Video
FAR-M2SC-28M636-D110
Note: The GND terminals are not connected inside the module.
Be sure to route them on the PC board.
Terminal No.
Terminal Name
Description
1VIN
Control voltage input terminal
2, 3, 4, 5, 6, 7
A-GND
Analog grounding terminal
8VOUT
Output terminal
9VCC
Power supply terminal
10
D-GND
Digital grounding terminal
(Front view)
10
9
8
7
6
5
4
3
2
1
D-GND
VCC
VOUT
A-GND
A-GND
A-GND
A-GND
A-GND
A-GND
VIN


Similar Part No. - FAR-M2SC-13M500-D113

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-M2CC FUJITSU-FAR-M2CC Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-14M318-F150 FUJITSU-FAR-M2CC-14M318-F150 Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-14M318-F150-R FUJITSU-FAR-M2CC-14M318-F150-R Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-16M934-F150 FUJITSU-FAR-M2CC-16M934-F150 Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-16M934-F150-R FUJITSU-FAR-M2CC-16M934-F150-R Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
More results

Similar Description - FAR-M2SC-13M500-D113

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
   piezo electric diaphragm
CEB-20D64 CUI-CEB-20D64 Datasheet
255Kb / 4P
   piezo electric diaphragm
CEB-44D06 CUI-CEB-44D06 Datasheet
283Kb / 4P
   piezo electric diaphragm
CEB-27D44 CUI-CEB-27D44 Datasheet
249Kb / 4P
   piezo electric diaphragm
CEB-27FD44 CUI-CEB-27FD44 Datasheet
83Kb / 4P
   piezo electric diaphragm
CEB-35D26 CUI-CEB-35D26 Datasheet
256Kb / 4P
   piezo electric diaphragm
CEB-35FD29 CUI-CEB-35FD29 Datasheet
98Kb / 4P
   piezo electric diaphragm
logo
Analog Devices
AD5801 AD-AD5801 Datasheet
196Kb / 13P
   Piezo-Electric Actuator Controller
logo
Rohm
BD9825FV ROHM-BD9825FV Datasheet
200Kb / 6P
   Piezo Electric Transformer Inverter Control IC
logo
PUI audio inc.
AT-2440-TWT-R PUIAUDIO-AT-2440-TWT-R Datasheet
545Kb / 3P
   24mm diameter piezo-electric transducer with thru-hole pins
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com