Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15E07SL Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB15E07SL
Description  Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15E07SL Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB15E07SL Datasheet HTML 7Page - Fujitsu Component Limited. MB15E07SL Datasheet HTML 8Page - Fujitsu Component Limited. MB15E07SL Datasheet HTML 9Page - Fujitsu Component Limited. MB15E07SL Datasheet HTML 10Page - Fujitsu Component Limited. MB15E07SL Datasheet HTML 11Page - Fujitsu Component Limited. MB15E07SL Datasheet HTML 12Page - Fujitsu Component Limited. MB15E07SL Datasheet HTML 13Page - Fujitsu Component Limited. MB15E07SL Datasheet HTML 14Page - Fujitsu Component Limited. MB15E07SL Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
MB15E07SL
When designing a synthesizer, the FC pin setting depends on the VCO and LPF characteristics.
3. Do Output Control
Table 9. ZC Pin Setting
4. Power Saving Mode (Intermittent Mode Control Circuit)
Table 10. PS Pin Setting
The intermittent mode control circuit reduces the PLL power consumption.
By setting the PS pin low, the device enters into the power saving mode, reducing the current consumption. See
the Electrical Characteristics chart for the specific value.
The phase detector output, Do, becomes high impedance.
For the signal PLL, the lock detector, LD, remains high, indicating a locked condition.
Setting the PS pin high, releases the power saving mode, and the device works normally.
The intermittent mode control circuit also ensures a smooth startup when the device returns to normal operation.
When the PLL is returned to normal operation, the phase comparator output signal is unpredictable. This is because
of the unknown relationship between the comparison frequency (fp) and the reference frequency (fr) which can
cause a major change in the comparator output, resulting in a VCO frequency jump and an increase in lockup time.
To prevent a major VCO frequency jump, the intermittent mode control circuit limits the magnitude of the error
signal from the phase detector when it returns to normal operation.
Note: When power (VCC) is first applied, the device must be in standby mode, PS = Low, for at least 1
µs.
ZC pin
Do output
H
Normal output
L
High impedance
PS pin
Status
H
Normal mode
L
Power saving mode
(1)
(2)
* : When the LPF and VCO characteristics are similar to
(1), set FC bit high.
* : When the VCO characteristics are similar to (2), set
FC bit low.
VCO
Output
Frequency
LPF Output Voltage
PLL
LPF
VCO


Similar Part No. - MB15E07SL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E07SRPFT FUJITSU-MB15E07SRPFT Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E07SRPV1 FUJITSU-MB15E07SRPV1 Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
More results

Similar Description - MB15E07SL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E06 FUJITSU-MB15E06 Datasheet
223Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E06SR FUJITSU-MB15E06SR Datasheet
205Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 3.0 GHz Prescaler
MB15E05SR FUJITSU-MB15E05SR Datasheet
211Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.0 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com