Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPIS35D Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIS35D
Description  NPIS Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS35D Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIS35D Datasheet HTML 1Page - NIC-Components Corp. NPIS35D Datasheet HTML 2Page - NIC-Components Corp. NPIS35D Datasheet HTML 3Page - NIC-Components Corp. NPIS35D Datasheet HTML 4Page - NIC-Components Corp. NPIS35D Datasheet HTML 5Page - NIC-Components Corp. NPIS35D Datasheet HTML 6Page - NIC-Components Corp. NPIS35D Datasheet HTML 7Page - NIC-Components Corp. NPIS35D Datasheet HTML 8Page - NIC-Components Corp. NPIS35D Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__D Series
NPIS Shielded Power Inductors
Part Number
Standard Values - Case Size 33 (4.2 x 4.2 x 1.3mm)
Inductance Value (
μH)
Test Conditions (L)
DC Resistance (
Ω)
DC Current Isat/Irms (Amps)
NPIS33D2R7YTRF
2.7 ± 30%*
100KHz, 0.3V
0.078
0.5
NPIS33D4R7YTRF
4.7 ± 30%*
100KHz, 0.3V
0.123
0.4
NPIS33D6R8YTRF
6.8 ± 30%*
100KHz, 0.3V
0.18
0.34
NPIS33D8R2YTRF
8.2 ± 30%*
100KHz, 0.3V
0.204
0.32
NPIS33D100MTRF
10 ± 20%
1KHz, 0.3V
0.24
0.28
NPIS33D120MTRF
12 ± 20%
1KHz, 0.3V
0.276
0.25
NPIS33D150MTRF
15 ± 20%
1KHz, 0.3V
0.372
0.23
NPIS33D180MTRF
18 ± 20%
1KHz, 0.3V
0.468
0.21
NPIS33D220MTRF
22 ± 20%
1KHz, 0.3V
0.54
0.19
NPIS33D270MTRF
27 ± 20%
1KHz, 0.3V
0.726
0.17
NPIS33D330MTRF
33 ± 20%
1KHz, 0.3V
0.822
0.15
NPIS33D390MTRF
39 ± 20%
1KHz, 0.3V
0.942
0.14
Part Number
Standard Values - Case Size 34 (4.2 x 4.2 x 1.6mm)
Inductance Value (
μH)
Test Conditions (L)
DC Resistance (
Ω)
DC Current Isat/Irms (Amps)
NPIS34D1R2YTRF
1.2 ± 30%*
100KHz, 0.3V
0.045
2.15
NPIS34D1R7YTRF
1.7 ± 30%*
100KHz, 0.3V
0.063
1.85
NPIS34D2R2YTRF
2.2 ± 30%*
100KHz, 0.3V
0.069
1.6
NPIS34D2R7YTRF
2.7 ± 30%*
100KHz, 0.3V
0.088
1.45
NPIS34D3R3YTRF
3.3 ± 30%*
100KHz, 0.3V
0.1
1.35
NPIS34D3R9YTRF
3.9 ± 30%*
100KHz, 0.3V
0.135
1.15
NPIS34D4R7YTRF
4.7 ± 30%*
100KHz, 0.3V
0.15
1.1
NPIS34D8R2YTRF
8.2 ± 30%*
100KHz, 0.3V
0.238
0.82
NPIS34D100MTRF
10 ± 20%
1KHz, 0.3V
0.262
0.75
NPIS34D120MTRF
12 ± 20%
1KHz, 0.3V
0.35
0.67
NPIS34D150MTRF
15 ± 20%
1KHz, 0.3V
0.488
0.6
NPIS34D220MTRF
22 ± 20%
1KHz, 0.3V
0.575
0.52
Part Number
Standard Values - Case Size 35 (4.2 x 4.2 x 1.8mm)
Inductance Value (
μH)
Test Conditions (L)
DC Resistance (
Ω)
DC Current Isat/Irms (Amps)
NPIS35D1R5YTRF
1.5± 30%*
100KHz, 0.3V
0.052
1.55
NPIS35D2R2YTRF
2.2± 30%*
100KHz, 0.3V
0.072
1.2
NPIS35D3R3YTRF
3.3± 30%*
100KHz, 0.3V
0.085
1.1
NPIS35D4R7YTRF
4.7± 30%*
100KHz, 0.3V
0.105
0.9
NPIS35D6R8YTRF
6.8± 30%*
100KHz, 0.3V
0.17
0.73
NPIS35D100MTRF
10± 20%
1KHz, 0.3V
0.21
0.55
NPIS35D150MTRF
15± 20%
1KHz, 0.3V
0.295
0.45
NPIS35D220MTRF
22± 20%
1KHz, 0.3V
0.43
0.4
NPIS35D330MTRF
33± 20%
1KHz, 0.3V
0.66
0.32
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)


Similar Part No. - NPIS35D

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS35D3R3YTRF NIC-NPIS35D3R3YTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS35D4R7YTRF NIC-NPIS35D4R7YTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS35D

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com