Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7513BFTR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV7513BFTR2G
Description  FLEXMOS Hex Low-Side MOSFET Pre-Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7513BFTR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV7513BFTR2G Datasheet HTML 2Page - ON Semiconductor NCV7513BFTR2G Datasheet HTML 3Page - ON Semiconductor NCV7513BFTR2G Datasheet HTML 4Page - ON Semiconductor NCV7513BFTR2G Datasheet HTML 5Page - ON Semiconductor NCV7513BFTR2G Datasheet HTML 6Page - ON Semiconductor NCV7513BFTR2G Datasheet HTML 7Page - ON Semiconductor NCV7513BFTR2G Datasheet HTML 8Page - ON Semiconductor NCV7513BFTR2G Datasheet HTML 9Page - ON Semiconductor NCV7513BFTR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NCV7513B
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (4.75 VvVCCXv5.25 V, VDD = VCCX, −40°CvTJv125°C, unless otherwise specified.) (Note 4)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
VCC1 Supply
Operating Current –
VCC1 = 5.25 V, VFLTREF = 1.0 V
ENAX = 0
ENA1 = ENA2 = VCC1,
VDRNX = 0 V, GATX drivers off
ENA1 = ENA2 = VCC1,
GATX drivers on
2.80
3.10
2.80
5.0
5.0
5.0
mA
Power−On Reset Threshold
VCC1 Rising
3.65
4.20
4.60
V
Power−On Reset Hysteresis
0.150
0.385
V
Digital I/O
VIN High
ENAX, INX, SI, SCLK, CSB
2.0
V
VIN Low
ENAX, INX, SI, SCLK, CSB
0.8
V
VIN Hysteresis
ENAX, INX, SI, SCLK, CSB
100
330
500
mV
Input Pullup Current
CSB VIN = 0 V
−25
−10
mA
Input Pulldown Current
ENA2, INX, SI, SCLK,
VIN = VCC1
10
25
mA
Input Pulldown Resistance
ENA1
100
150
200
kW
SO Low Voltage
VDD = 3.3 V, ISINK = 5.0 mA
0.11
0.25
V
SO High Voltage
VDD = 3.3 V, ISOURCE = 5.0 mA
VDD
0.25
VDD
0.11
V
SO Output Resistance
Output High or Low
22
W
SO Tri−State Leakage Current
CSB = 3.3 V
−10
10
mA
STAB Low Voltage
STAB Active, ISTAB = 1.25 mA
0.1
0.25
V
STAB Leakage Current
VSTAB = VCC1
10
mA
FLTB Low Voltage
FLTB Active, IFLTB = 1.25 mA
0.1
0.25
V
FLTB Leakage Current
VFLTB = VCC1
10
mA
Fault Detection – GATX ON
FLTREF Input Current
VFLTREF = 0 V
−1.0
mA
FLTREF Input Linear Range
(Note 5)
0
VCC1
2.0
V
FLTREF Op−amp VCC1 PSRR
(Note 5)
30
dB
DRNX Clamp Voltage
VCL
IDRNX = 10 mA
IDRNX = ICL(MAX) = 10 mA
27
34
42
47
V
DRNX Shorted Load Threshold
GATX Output High
VFLTREF = 1.0 V
Register 2: R1 = 0, R0 = 0 or
R4 = 0, R3 = 0
20
25
30
%
VFLTREF
Register 2: R1 = 0, R0 = 1 or
R4 = 0, R3 = 1
45
50
55
%
VFLTREF
Register 2: R1 = 1, R0 = 0 or
R4 = 1, R3 = 0
70
75
80
%
VFLTREF
Register 2: R1 = 1, R0 = 1 or
R4 = 1, R3 = 1
95
100
105
%
VFLTREF
DRNX Input Leakage Current
VCC1 = VCC2 = VDD = 5.0 V,
ENAX = INX = 0 V,
VDRNX = VCL(MIN)
VCC1 = VCC2 = VDD = 0 V,
ENAX = INX = 0 V,
VDRNX = VCL(MIN)
−1.0
1.0
mA
4. Designed to meet these characteristics over the stated voltage and temperature recommended operating ranges, though may not be 100%
parametrically tested in production.
5. Guaranteed by design.


Similar Part No. - NCV7513BFTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7513BFTR2G ONSEMI-NCV7513BFTR2G Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com