Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9700 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9700
Description  HEX PRECISION LIMITER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9700 Datasheet(HTML) 2 Page - STMicroelectronics

  L9700 Datasheet HTML 1Page - STMicroelectronics L9700 Datasheet HTML 2Page - STMicroelectronics L9700 Datasheet HTML 3Page - STMicroelectronics L9700 Datasheet HTML 4Page - STMicroelectronics L9700 Datasheet HTML 5Page - STMicroelectronics L9700 Datasheet HTML 6Page - STMicroelectronics L9700 Datasheet HTML 7Page - STMicroelectronics L9700 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
20
V
IIN
Input Current per Channel
30
mA
Tj, Tstg
Junction and Storage Temperature
–55 to 150
°C
Ptot
Total Power Dissipation (Tamb = 85
°C)
650
mW
THERMAL DATA
Symbol
Parameter
MINIDIP
SO8
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
Max.
100
200
°C/W
ELECTRICAL CHARACTERISTICS (VCC = 5V, TJ = –40 to 125
°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.75
5.25
V
ICC
Supply Current
1.5
3
mA
Vcis
Static Input Clamping Voltage
Negative IIN = –10mA
Positive IIN = +10mA
–250
VCC
0
VCC+250
mV
IIN
Input Current (static)
VIN = 0
VIN = VCC
VIN = 50mV
VIN = VCC –50mV
15
15
5
5
µA
µA
µA
µA
Vcld (*)
Dynamic Input Clamping Voltage
IIN =
± 10mA, tR = 5ns
Positive Overshoot
Negative Overshoot
400
400
mV
mV
tS (*)
Setting Time
See fig. 2
20
ns
RIN (*)
Dynamic Input Resistance
5
(*) Design limits are guaranteed by statistical control on production samples over the indicated temperature and supply voltage
ranges. These limits are not used to calculate outgoing quality levels.
Note: The circuit is ESD protected according to MIL-STD-883C
L9700
2/8
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L9700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
   HEX PRECISION LIMITER
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
   Hex precision limiter
October 2011 Rev 1
L9700DTR-E STMICROELECTRONICS-L9700DTR-E Datasheet
322Kb / 14P
   Hex precision limiter
October 2011 Rev 1
More results

Similar Description - L9700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
   Hex precision limiter
October 2011 Rev 1
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
   HEX PRECISION LIMITER
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
[Old version datasheet]   Precision Current Limiter
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Current Limiter
LMP8646 TI-LMP8646_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMP8646 Precision Current Limiter
logo
NXP Semiconductors
74HC7014 PHILIPS-74HC7014_15 Datasheet
311Kb / 13P
   Hex non-inverting precision Schmitt-trigger
Rev. 3-30 April 2014
logo
Mini-Circuits
RLM-521-2WL MINI-RLM-521-2WL Datasheet
335Kb / 2P
   Limiter
CLM-83-2W MINI-CLM-83-2W Datasheet
207Kb / 4P
   Limiter
VLM-83-2W-S MINI-VLM-83-2W-S Datasheet
382Kb / 2P
   Limiter
logo
List of Unclassifed Man...
27515 ETC2-27515 Datasheet
171Kb / 1P
   Wiha Precision ESD Safe Hex Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com