Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15E03SLPV1 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB15E03SLPV1
Description  Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15E03SLPV1 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB15E03SLPV1 Datasheet HTML 1Page - Fujitsu Component Limited. MB15E03SLPV1 Datasheet HTML 2Page - Fujitsu Component Limited. MB15E03SLPV1 Datasheet HTML 3Page - Fujitsu Component Limited. MB15E03SLPV1 Datasheet HTML 4Page - Fujitsu Component Limited. MB15E03SLPV1 Datasheet HTML 5Page - Fujitsu Component Limited. MB15E03SLPV1 Datasheet HTML 6Page - Fujitsu Component Limited. MB15E03SLPV1 Datasheet HTML 7Page - Fujitsu Component Limited. MB15E03SLPV1 Datasheet HTML 8Page - Fujitsu Component Limited. MB15E03SLPV1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
MB15E03SL
s PIN ASSIGNMENTS
OSCIN
OSCOUT
VP
VCC
DO
GND
Xfin
fin
φR
φP
LD/fout
ZC
PS
LE
Data
Clock
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TOP
VIEW
OSCOUT
VP
VCC
DO
GND
Xfin
φP
LD
/fout
ZC
PS
LE
Data
OSCIN
φR
fin Clock
1
2
3
4
5
67
8
9
10
11
12
13
14
15
16
TOP
VIEW
(FPT-16P-M05)
(LCC-16P-M06)
16-pin SSOP
16-pad BCC


Similar Part No. - MB15E03SLPV1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E03SLPFV1-G-BND-6E1 FUJITSU-MB15E03SLPFV1-G-BND-6E1 Datasheet
373Kb / 32P
   Single PLL Frequency Synthesizers with On-Chip Prescalers
More results

Similar Description - MB15E03SLPV1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E03L FUJITSU-MB15E03L Datasheet
214Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
logo
Cypress Semiconductor
MB15E03SL CYPRESS-MB15E03SL Datasheet
490Kb / 29P
   Single Serial Input PLL Frequency Synthesizer On-chip 1.2 GHz Prescaler
logo
Fujitsu Component Limit...
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E06SR FUJITSU-MB15E06SR Datasheet
205Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 3.0 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com