Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CP-902M50-D205-W Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # FAR-F5CP-902M50-D205-W
Description  Piezoelectric SAW BPF (700 to 1700MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CP-902M50-D205-W Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button FAR-F5CP-902M50-D205-W Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 12Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 13Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 14Page - Fujitsu Component Limited. FAR-F5CP-902M50-D205-W Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
F5CP/F6CP Series
11
8.
SYSTEM : PDC1.5G-Tx
PART NUMBER : FAR-F6CP-1G4410-D207
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
1429 to 1453 MHz
3.5
3.8
dB
In-band ripple
1429 to 1453 MHz
1.3
1.6
dB
Absolute
attenuation
DC to 1380 MHz
40
45
dB
1477 to 1501 MHz
25
28
dB
1501 to 1607 MHz
28
30
dB
1607 to 1900 MHz
45
55
dB
1900 to 3000 MHz
30
33
dB
In-band VSWR
(Return loss)
1429 to 1453 MHz
(7.0)
2.4
(7.7)
2.6
(
)
(dB)
S11
1U FS
1 : 39.924
0.0859
S21
log MAG
10 dB/
REF 0 dB
CENTER 1 450 MHz
SPAN 400 MHz
CENTER 1 450 MHz
SPAN 400 MHz
1 :
−2.6466 dB
1.429 GHz
S22
1U FS
1 : 39.836
0.4395
48.944 pH
1.429 GHz
2 : 67.617
−12.059 Ω
1.453 GHz
3 : 4.1484
−25.398 Ω
1.38 GHz
4 : 23.188
−166.48 Ω
1.477 GHz
5 : 8.541
−61.674 Ω
1.607 GHz
S11
SWR
1 /
REF 1
CENTER 1 450 MHz
SPAN 400 MHz
CENTER 1 450 MHz
SPAN 400 MHz
4
5
3
3
4
5
4
5
2
1
3
4
9.5712 pH
1.429 GHz
2 : 66.582
−14.813 Ω
1.453 GHz
3 : 3.9805
−24.466 Ω
1.38 GHz
4 : 15.57
−133.34 Ω
1.477 GHz
5 : 7.3418
−55.936 Ω
1.607 GHz
2 :
−2.8931 dB
1.453 GHz
3 :
−48.237 dB
1.38 GHz
4 :
−30.021 dB
1.477 GHz
5 :
−61.614 dB
1.607 GHz
3
2
1
5
2 : 1.4666
1.453 GHz
3 : 15.581
1.38 GHz
4 : 26.309
1.477 GHz
5 : 15.408
1.607 GHz
1 : 1.2523
1.429 GHz
1
2
2
1


Similar Part No. - FAR-F5CP-902M50-D205-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CP-902M50-D205-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com