Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CH-888M50-L2CW-R Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FAR-F5CH-888M50-L2CW-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CH-888M50-L2CW-R Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button FAR-F5CH-888M50-L2CW-R Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW-R Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW-R Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW-R Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW-R Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW-R Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW-R Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW-R Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CH-888M50-L2CW-R Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
F5CH Series (L2 type)
7.
ETACS (Rx)
Part number: FAR-F5CH-933M50-L2CM
(Ta = –30 to +85
°C)
8.
NTACS (Tx)
Part number: FAR-F5CH-911M50-L2DL
(Ta = –30 to +85
°C)
9.
NTACS (Rx)
Part number: FAR-F5CH-856M50-L2DM
(Ta = –30 to +85
°C)
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
917 to 950 MHz
—3.8
5.5
dB
Inband ripple
917 to 950 MHz
—2.0
dB
Absolute attenuation
DC to 900 MHz
30
34
dB
900 to 905 MHz
10
15
dB
1007 to 1040 MHz
35
40
dB
1040 to 2000 MHz
25
30
dB
Inband VSWR
917 to 950 MHz
—2.0
2.5
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
898 to 925 MHz
—2.6
3.5
dB
Inband ripple
898 to 925 MHz
—1.0
2.0
dB
Absolute attenuation
843 to 870 MHz
30
32
dB
Inband VSWR
898 to 925 MHz
—1.6
2.0
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
843 to 870 MHz
—2.5
3.0
dB
Inband ripple
843 to 870 MHz
—1.0
2.0
dB
Absolute attenuation
DC to 733 MHz
23
25
dB
733 to 760 MHz
35
37
dB
760 to 815 MHz
25
33
dB
898 to 953 MHz
30
35
dB
953 to 980 MHz
35
40
dB
980 to 1100 MHz
25
35
dB
1100 to 2000 MHz
20
24
dB
Inband VSWR
843 to 870 MHz
—1.8
2.5


Similar Part No. - FAR-F5CH-888M50-L2CW-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CH-888M50-L2CW-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com