Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECOS1AA223BA Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECOS1AA223BA
Description  Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1AA223BA Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECOS1AA223BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1AA223BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1AA223BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1AA223BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1AA223BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1AA223BA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1AA223BA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
41
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-HA/HB Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
2700
25 x 45
2.40
2.76
0.074
0.055
30 x 35
2.40
2.76
0.074
0.055
35 x 30
2.40
2.76
0.074
0.055
3300
25 x 50
2.60
2.99
0.065
0.049
30 x 40
2.60
2.99
0.065
0.049
35 x 30
2.60
2.99
0.065
0.049
3900
30 x 45
3.00
3.45
0.060
0.045
35 x 35
3.00
3.45
0.060
0.045
4700
30 x 50
3.30
3.80
0.049
0.037
35 x 40
3.30
3.80
0.049
0.037
5600
35 x 45
3.70
4.26
0.050
0.038
6800
35 x 50
3.90
4.49
0.04
0.03
330
22 x 20
0.80
.20
0.653
0.392
470
25 x 20
.00
.50
0.459
0.275
560
22 x 25
. 0
.65
0.296
0. 78
680
30 x 20
. 0
.65
0.3 70. 90
820
22 x 30
.40
2. 0
0.202
0. 2
25 x 25
.40
2. 0
0.202
0. 2
000
22 x 35
.70
2.55
0. 82
0. 09
25 x 30
.70
2.55
0. 82
0. 09
35 x 20
.20
.80
0.2 60. 29
200
22 x 40
.80
2.70
0. 52
0.09
25 x 35
.80
2.70
0. 52
0.09
30 x 25
.80
2.70
0. 52
0.09
500
22 x 45
2. 03. 50. 22
0.073
25 x 40
2. 03. 50. 22
0.079
30 x 30
2. 03. 50. 22
0.079
35 x 25
2. 03. 50. 22
0.079
800
25 x 45
2.30
3.45
0.
0.072
30 x 35
2.30
3.45
0.
0.072
35 x 30
2.30
3.45
0.
0.072
2200
25 x 50
2.60
3.90
0.090
0.059
30 x 40
2.60
3.90
0.090
0.059
35 x 30
2.60
3.90
0.090
0.059
2700
30 x 45
2.90
4.35
0.080
0.052
35 x 35
2.90
4.35
0.080
0.052
3300
30 x 50
3.20
4.80
0.075
0.053
35 x 40
3.20
4.80
0.075
0.053
3900
35 x 45
3.60
5.40
0.064
0.045
4700
35 x 50
3.80
5.70
0.053
0.040
470
22 x 30
.40
.96
0.423
0. 90
560
22 x 35
.50
2. 0
0.355
0. 60
680
22 x 40
.70
2.38
0.293
0. 32
25 x 30
.70
2.38
0.293
0. 32
820
22 x 45
2.00
2.80
0.243
0. 09
25 x 35
2.00
2.80
0.243
0. 09
000
22 x 50
2.20
3.08
0. 99
0.090
25 x 40
2.20
3.08
0. 99
0.090
30 x 30
2.20
3.08
0. 99
0.090
35 x 25
2.20
3.08
0. 99
0.090
200
25 x 45
2.30
3.22
0. 80
0.090
30 x 35
2.30
3.22
0. 80
0.090
35 x 30
2.30
3.22
0. 80
0.090
500
30 x 40
2.50
3.50
0. 44
0.072
35 x 30
2.50
3.50
0. 44
0.072
800
30 x 45
2.70
3.78
0. 29
0.064
35 x 35
2.70
3.78
0. 29
0.064
2200
35 x 45
2.90
4.06
0. 05
0.063
2700
35 x 50
3. 0
4.34
0.086
0.052
390
22 x 30
.30
.82
0.5 0
0.230
25 x 25
.30
.82
0.5 0
0.230
470
22 x 35
.40
.96
0.423
0. 90
200 VDC Working, 250 VDC Surge
ECEC2CB272EA
ECOS2DB391BA
ECOS2DB391CA
ECEC2AA122DA
ECEC2AA122BA
ECEC2AA122CA
ECEC2AA681DL
ECEC2AA821BA
ECEC2AA821CA
ECEC2AA102BA
ECEC2CB152EA
ECEC2CB182DA
ECEC2CB182EA
ECEC2CB222EA
ECOS2CB222EA
ECOS2CB272EA
ECOS2DB471BA
ECEC2AA182CA
ECEC2AA182DA
ECEC2CB122DA
ECEC2CB102CA
ECEC2AA182EA
ECEC2CB102EA
ECEC2CB122CA
ECEC2AA222DA
ECEC2AA222EA
ECEC2AA272DA
ECEC2AA152BA
ECEC2AA152CA
ECEC2AA152DA
ECEC2AA152EA
Max 105°C R.C. (Arms)
ECEC2AA102CA
ECEC2AA102EL
20°C ESR ( , max.)
Panasonic Part Number (By Terminal Length)
Size (mm)
D x L
6.3mm Length Terminal
Part numbers shown with 2 pins
ECOS2AA471CL
ECEC2AA331BL
ECEC2AA471CL
ECEC2AA561BA
ECOS2AA331BL
ECOS2AA821CA
ECOS2AA821BA
ECOS2AA681DL
ECOS2AA561BA
ECOS2AA122BA
ECOS2AA102EL
ECOS2AA102CA
ECOS2AA102BA
ECOS2AA392EA
ECOS2AA332EA
ECOS2AA332DA
ECOS2AA152CA
ECOS2AA152BA
ECOS2AA122DA
ECOS2AA182EA
ECOS2AA182DA
ECOS2AA182CA
ECOS2AA152DA
ECOS2AA272EA
ECOS2AA272DA
ECOS2AA222EA
ECOS2AA222DA
ECOS2AA152EA
ECEC1KA392DA
ECEC1KA392EA
ECOS2AA222CA
ECEC1KA472DA
ECEC1KA472EA
ECEC1KA562EA
ECEC1KA682EA
ECOS1KA682EA
ECEC2AA222CA
ECOS2AA122CA
4.0mm Length Terminal
ECOS1KA472DA
ECOS1KA472EA
ECOS1KA562EA
ECEC1KA272CA
ECEC1KA272DA
ECEC1KA272EA
ECEC1KA332CA
ECEC1KA332DA
ECEC1KA332EA
ECOS2CB182EA
ECOS2CB152DA
ECOS2CB152EA
ECOS2CB182DA
ECEC2CB122EA
ECEC2CB152DA
ECEC2CB471BA
ECEC2CB561BA
ECEC2CB681BA
ECEC2CB681CA
ECEC2CB821BA
ECEC2CB821CA
ECEC2CB102BA
ECEC2CB102DA
ECOS2CB122EA
ECOS2CB122DA
ECOS2CB821BA
ECOS2CB821CA
ECOS2CB102BA
ECOS2CB102CA
ECOS2CB102DA
ECOS2CB102EA
ECOS2CB122CA
ECEC2DB391BA
ECEC2DB391CA
ECEC2DB471BA
160 VDC Working, 200 VDC Surge
80 VDC Working, 00 VDC Surge (continued)
100 VDC Working, 25 VDC Surge
ECOS1KA272CA
ECOS1KA272DA
ECOS1KA272EA
ECOS1KA332CA
ECOS1KA332DA
ECOS1KA332EA
ECOS1KA392DA
ECOS1KA392EA
ECEC2AA272EA
ECEC2AA332DA
ECEC2AA332EA
ECEC2AA392EA
ECEC2AA472EA
ECOS2CB471BA
ECOS2CB561BA
ECOS2CB681BA
ECOS2AA472EA
ECOS2CB681CA


Similar Part No. - ECOS1AA223BA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS1AA223BA PANASONIC-ECOS1AA223BA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
ECOS1AA223BA PANASONIC-ECOS1AA223BA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
ECOS1AA223BA PANASONIC-ECOS1AA223BA Datasheet
243Kb / 5P
   Large Can Aluminum Electrolytic Capacitors
ECOS1AA223BA PANASONIC-ECOS1AA223BA Datasheet
583Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECOS1AA223BA PANASONIC-ECOS1AA223BA Datasheet
593Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
More results

Similar Description - ECOS1AA223BA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com