Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQ-E2125KF Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECQ-E2125KF
Description  Metallized Polyester Film Capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQ-E2125KF Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ECQ-E2125KF Datasheet HTML 2Page - Panasonic Semiconductor ECQ-E2125KF Datasheet HTML 3Page - Panasonic Semiconductor ECQ-E2125KF Datasheet HTML 4Page - Panasonic Semiconductor ECQ-E2125KF Datasheet HTML 5Page - Panasonic Semiconductor ECQ-E2125KF Datasheet HTML 6Page - Panasonic Semiconductor ECQ-E2125KF Datasheet HTML 7Page - Panasonic Semiconductor ECQ-E2125KF Datasheet HTML 8Page - Panasonic Semiconductor ECQ-E2125KF Datasheet HTML 9Page - Panasonic Semiconductor ECQ-E2125KF Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC37−
Plastic Film Capacitors
■Rating, Dimensions & Quantity/Ammo Box
●Rated voltage : 1000 VDC, Note) 125 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K)
Note) This type has two rated voltage, one is DC rated voltage another is AC rated voltage..
DC rated voltage is 1000 V, AC rated voltage is 125 V.
Making for rated voltage is
「1000 V, 125 V
When capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 Hz or 60 Hz sine wave)
to a capacitor, please refer to the page of ''Permissible voltage (R.M.S) in altering current corresponding to DC rated voltage''.
When capacitors use in primary side of power source, the rated voltage is shown 125 VAC. Voltage to be applied to capacitors in only
sine wave (50 Hz or 60 Hz).
AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''. And not complying with clause 2 of
''Electrical Appliance and Material Safety Law'', in this case please use ECQUL type or ECQUG type
Part No.
0.010
15.5
6.0
11.0
16.0
12.5
12.5
1.0
0.60
0.012
15.5
6.0
12.0
17.0
12.5
12.5
1.0
0.60
0.015
15.5
7.0
12.5
17.5
12.5
12.5
1.0
0.60
0.018
15.5
7.5
13.0
20.0
12.5
12.5
1.0
0.80
0.022
15.5
7.5
15.5
22.5
12.5
12.5
1.0
0.80
0.027
21.0
6.0
13.0
18.0
17.5
12.5
1.0
0.80
0.033
21.0
6.5
14.0
19.0
17.5
12.5
1.0
0.80
0.039
21.0
7.0
14.5
19.5
17.5
12.5
1.0
0.80
0.047
21.0
7.5
15.5
20.5
17.5
12.5
1.0
0.80
0.056
21.0
7.5
17.0
22.0
17.5
12.5
1.0
0.80
0.068
21.0
8.5
18.0
23.0
17.5
12.5
1.0
0.80
0.082
21.0
9.0
18.5
23.5
17.5
12.5
1.0
0.80
0.10
21.0
10.0
20.0
25.0
17.5
12.5
1.0
0.80
0.12
26.0
9.0
18.5
23.5
22.5
17.5
1.0
0.80
0.15
26.0
10.0
20.0
25.0
22.5
17.5
1.5
0.80
0.18
26.0
10.5
22.0
27.0
22.5
17.5
1.5
0.80
0.22
26.0
12.0
23.0
28.0
22.5
17.5
1.5
0.80
ECQE10103
□F()
ECQE10123
□F()
ECQE10153
□F()
ECQE10183
□F()
ECQE10223
□F()
ECQE10273
□F()
ECQE10333
□F()
ECQE10393
□F()
ECQE10473
□F()
ECQE10563
□F()
ECQE10683
□F()
ECQE10823
□F()
ECQE10104
□F()
ECQE10124
□F()
ECQE10154
□F()
ECQE10184
□F()
ECQE10224
□F()
Cap.
(µF)
Min. order Q'ty
500
400
500
400
300
Dimensions (mm)
L max.
T max.
ø d
7.5 mm
H max.
Straight
Crimped lead
Straight
F
Crimped lead
S
Straight
G max.
500
Bulk
Taping
Style D: 0.010 µF to 0.022 µF
Style B: 0.027 µF to 0.22 µF
Suffix for lead crimped or taped type.
Cap. tol. code
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
37


Similar Part No. - ECQ-E2125KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E2103KB PANASONIC-ECQ-E2103KB Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
ECQ-E2103KF3 PANASONIC-ECQ-E2103KF3 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E2103RKF PANASONIC-ECQ-E2103RKF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E2104JB PANASONIC-ECQ-E2104JB Datasheet
223Kb / 7P
   Metallized Polyester Film Capacitor
ECQ-E2104JF PANASONIC-ECQ-E2104JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQ-E2125KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com