Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECHU1C223 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECHU1C223
Description  Plastic Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1C223 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECHU1C223 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1C223 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1C223 Datasheet HTML 3Page - Panasonic Semiconductor ECHU1C223 Datasheet HTML 4Page - Panasonic Semiconductor ECHU1C223 Datasheet HTML 5Page - Panasonic Semiconductor ECHU1C223 Datasheet HTML 6Page - Panasonic Semiconductor ECHU1C223 Datasheet HTML 7Page - Panasonic Semiconductor ECHU1C223 Datasheet HTML 8Page - Panasonic Semiconductor ECHU1C223 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC17−
Plastic Film Capacitors
■Rating, Dimensions & Quantity/Reel
●Capacitance tolerance : ±2 %(G), ±5 %(J)
■Taping Specification for Automatic Mounting
Refer to the page of taping specifications
0.00010
0.00012
0.00015
0.00018
0.00022
0.00027
0.00033
0.00039
0.00047
0.00056
0.00068
0.00082
0.0010
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
Cap. (µF)
ECHU1C101
□X5
1.6
0.8
0.7
K1
ECHU1C121
□X5
1.6
0.8
0.7
K1
ECHU1C151
□X5
1.6
0.8
0.7
K1
ECHU1C181
□X5
1.6
0.8
0.7
K1
ECHU1C221
□X5
1.6
0.8
0.7
K1
ECHU1C271
□X5
1.6
0.8
0.7
K1
ECHU1C331
□X5
1.6
0.8
0.7
K1
ECHU1C391
□X5
1.6
0.8
0.7
K1
ECHU1C471
□X5
1.6
0.8
0.7
K1
ECHU1C561
□X5
1.6
0.8
0.7
K1
ECHU1C681
□X5
1.6
0.8
0.7
K1
ECHU1C821
□X5
1.6
0.8
0.7
K1
ECHU1C102
□X5
1.6
0.8
0.7
K1
ECHU1C122
□X5
1.6
0.8
0.7
K1
ECHU1C152
□X5
1.6
0.8
0.7
K1
ECHU1C182
□X5
1.6
0.8
0.7
K1
ECHU1C222
□X5
1.6
0.8
0.7
K1
ECHU1C272
□X5
1.6
0.8
0.7
K1
ECHU1H101
□X5
2.0
1.25
0.9
J1
ECHU1H121
□X5
2.0
1.25
0.9
J1
ECHU1H151
□X5
2.0
1.25
0.9
J1
ECHU1H181
□X5
2.0
1.25
0.9
J1
ECHU1H221
□X5
2.0
1.25
0.9
J1
ECHU1H271
□X5
2.0
1.25
0.9
J1
ECHU1H331
□X5
2.0
1.25
0.9
J1
ECHU1H391
□X5
2.0
1.25
0.9
J1
ECHU1H471
□X5
2.0
1.25
0.9
J1
ECHU1H561
□X5
2.0
1.25
0.9
J1
ECHU1H681
□X5
2.0
1.25
0.9
J1
ECHU1H821
□X5
2.0
1.25
0.9
J1
ECHU1H102
□X5
2.0
1.25
0.9
J1
ECHU1H122
□X5
2.0
1.25
0.9
J1
ECHU1H152
□X5
2.0
1.25
0.9
J1
ECHU1H182
□X5
2.0
1.25
0.9
J1
ECHU1H222
□X5
2.0
1.25
0.9
J1
ECHU1H272
□X5
2.0
1.25
0.9
J1
ECHU1H332
□X5
3.2
1.6
0.9
H1
ECHU1H392
□X5
3.2
1.6
0.9
H1
ECHU1H472
□X5
3.2
1.6
0.9
H1
ECHU1H562
□X5
3.2
1.6
0.9
H1
ECHU1H682
□X5
3.2
1.6
0.9
H1
ECHU1H822
□X5
3.2
1.6
1.1
H2
ECHU1H103
□X5
3.2
1.6
1.1
H2
ECHU1H123
□X5
3.2
2.5
1.1
G1
ECHU1H153
□X5
3.2
2.5
1.1
G1
ECHU1H183
□X5
3.2
2.5
1.5
G2
ECHU1H223
□X5
3.2
2.5
1.5
G2
ECHU1H273
□X5
3.2
2.5
1.5
G2
ECHU1H333
□X5
3.2
2.5
2.1
G3
ECHU1H393
□X5
3.2
2.5
2.1
G3
ECHU1H473
□X9
4.8
3.3
1.5
E1
ECHU1H563
□X9
4.8
3.3
1.5
E1
ECHU1H683
□X9
4.8
3.3
1.5
E1
ECHU1H823
□X9
4.8
3.3
2.1
E2
ECHU1H104
□X9
4.8
3.3
2.1
E2
ECHU1H124
□X9
6.0
4.1
1.9
D1
ECHU1H154
□X9
6.0
4.1
1.9
D1
ECHU1H184
□X9
6.0
4.1
2.5
D3
ECHU1H224
□X9
6.0
4.1
2.8
D4
3000
2000
3000
2000
ECHU1C332
□X5
2.0
1.25
0.9
J1
ECHU1C392
□X5
2.0
1.25
0.9
J1
ECHU1C472
□X5
2.0
1.25
0.9
J1
ECHU1C562
□X5
2.0
1.25
0.9
J1
ECHU1C682
□X5
2.0
1.25
0.9
J1
ECHU1C822
□X5
2.0
1.25
1.1
J2
ECHU1C103
□X5
2.0
1.25
1.1
J2
ECHU1C123
□X5
3.2
1.6
0.9
H1
ECHU1C153
□X5
3.2
1.6
0.9
H1
ECHU1C183
□X5
3.2
1.6
0.9
H1
ECHU1C223
□X5
3.2
1.6
0.9
H1
ECHU1C273
□X5
3.2
1.6
1.1
H2
ECHU1C333
□X5
3.2
1.6
1.1
H2
ECHU1C393
□X5
3.2
1.6
1.5
H3
ECHU1C473
□X5
3.2
1.6
1.5
H3
ECHU1C563
□X5
3.2
2.5
1.5
G2
ECHU1C683
□X5
3.2
2.5
1.5
G2
ECHU1C823
□X5
3.2
2.5
2.1
G3
ECHU1C104
□X5
3.2
2.5
2.1
G3
3000
4000
2000
Rated volt. 16 VDC
Part No.
Dimensions (mm)
LW
H
Size
Code
Q'ty
Rated volt. 50 VDC
Part No.
Dimensions (mm)
LW
H
Size
Code
Q'ty
Cap. tol. code
■Recommended for Land Dimensions (mm)
Size
Code
Land dimensions
Reflow soldering
AB
C
K1
0.6
2.0
0.7
J1,J2
0.8
2.4
1.1
H1,H2,H3
1.8
3.6
1.4
G1,G2,G3
1.8
3.6
2.3
E1,E2
3.0
5.6
3.0
D1,D3,D4
4.0
7.0
3.8
❈ It is not warrantable that you can mount the capacitor without trouble under all the mounting condition when
“Recommender for Land dimensions” is adopted.
p Œ ¯ ¶
‚ P1 ‘32
12.11.14 20:49
y [ W
17


Similar Part No. - ECHU1C223

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1C223 PANASONIC-ECHU1C223 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C223 PANASONIC-ECHU1C223 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECHU1C223 PANASONIC-ECHU1C223 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C223 PANASONIC-ECHU1C223 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C223 PANASONIC-ECHU1C223 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1C223

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com