Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVOA1550T0041H3 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # MVOA1550T0041H3
Description  Attenuator Through Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MVOA1550T0041H3 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  MVOA1550T0041H3 Datasheet HTML 1Page - OPLINK Communications Inc. MVOA1550T0041H3 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
MVOA
Ordering Information
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
P3 Package:
P4 Package:
0
T
0
Package Type
Through Type
Fiber Type
Fiber Length
P3 = 3
P4 = 4
250µm bare fiber = 1
900µm loose tube = 2
2mm cable = 3
0.5 meter= H
1.0 meter= 1
1.5 meter= 5
2.0 meter= 2
Connector
Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
Mini Mechanical Variable Optical Attenuator Through Type
MVOA-T Series
S0025 - R07. 20110609
Operating Wavelength
1310nm = 1310
1550nm = 1550
1310/1550nm = DUAL
* The tolerance of fiber length is +/-0.1m.


Similar Part No. - MVOA1550T0041H3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MVOA1550T003111 OPLINK-MVOA1550T003111 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOA1550T003112 OPLINK-MVOA1550T003112 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOA1550T003113 OPLINK-MVOA1550T003113 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOA1550T003114 OPLINK-MVOA1550T003114 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOA1550T003115 OPLINK-MVOA1550T003115 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
More results

Similar Description - MVOA1550T0041H3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MVOAT-S0025 OPLINK-MVOAT-S0025 Datasheet
202Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
MVOA1310T0031H1 OPLINK-MVOA1310T0031H1 Datasheet
228Kb / 2P
   Mini Mechanical Variable Optical Attenuator Through Type
logo
Sanyo Semicon Device
1SV298H SANYO-1SV298H Datasheet
23Kb / 3P
   Type Attenuator Applications
1SV298 SANYO-1SV298 Datasheet
61Kb / 3P
   Type Attenuator Applications
logo
OPLINK Communications I...
PTFA-S0069 OPLINK-PTFA-S0069 Datasheet
172Kb / 2P
   Plug Type Fixed Attenuator
logo
Mini-Circuits
UNAT-5 MINI-UNAT-5 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-8 MINI-UNAT-8 Datasheet
153Kb / 1P
   N-Type Fixed Attenuator
UNAT-15 MINI-UNAT-15 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-7 MINI-UNAT-7 Datasheet
155Kb / 1P
   N-Type Fixed Attenuator
UNAT-30 MINI-UNAT-30 Datasheet
173Kb / 1P
   N-Type Fixed Attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com