Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDIH15980SF3014 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # WDIH15980SF3014
Description  Mini 980/1550nm WDM/Isolator Hybrid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

WDIH15980SF3014 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  WDIH15980SF3014 Datasheet HTML 1Page - OPLINK Communications Inc. WDIH15980SF3014 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
WDIH
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
Mechanical Drawing / Package Dimensions (dimension in mm)
30.0mm
Ø3.0mm
PASS
COMMON
PUMP
Backward Type
30.0mm
Ø3.0mm
PUMP
COMMON
PASS
Forward Type
3
0
0
Fiber Type
As specified in perfor-
mance table
Wavelength
Fiber Length
Package Type
Configuration
Stage
1550/980nm = 1598
1585/980nm = 1698
0.5 meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
P3 = 3
Forward Type = F
Backward Type = B
Single = S
Dual = D
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
Mini 980/1550nm WDM/Isolator Hybrid
Mini WDIH59 Series
S0078 - R02. 20100702


Similar Part No. - WDIH15980SF3014

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
WDIH15980SF3011 OPLINK-WDIH15980SF3011 Datasheet
216Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
More results

Similar Description - WDIH15980SF3014

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
WDIH15980SF3011 OPLINK-WDIH15980SF3011 Datasheet
216Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
WDIH15980SF3 OPLINK-WDIH15980SF3 Datasheet
433Kb / 2P
   Mini 980/1550nm WDM/Isolator Hybrid
WDIH1598-S0079 OPLINK-WDIH1598-S0079 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH15980SF1111 OPLINK-WDIH15980SF1111 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
WDIH1598 OPLINK-WDIH1598 Datasheet
185Kb / 2P
   980/1550nm WDM/Isolator Hybrid Combination
MINI-WDIH54 OPLINK-MINI-WDIH54 Datasheet
224Kb / 2P
   Mini 1480/1550nm WDM/Isolator Hybrid
WDIH1514 OPLINK-WDIH1514 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH15140SF1111 OPLINK-WDIH15140SF1111 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH1514-S0077 OPLINK-WDIH1514-S0077 Datasheet
337Kb / 2P
   1480/1550nm WDM/Isolator Hybrid Combination
WDIH15140SF311 OPLINK-WDIH15140SF311 Datasheet
305Kb / 2P
   Mini WDM/Isolator Hybrid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com